Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8020BPHPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 26Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 27Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 28Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 29Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 30Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 31Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 32Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 33Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 Power Supply
VDD should be implemented as a single power plane, as should VDD33.
•
The VDD terminals of the TUSB8020B supply 1.1-V (nominal) power to the core of the TUSB8020B. This
power rail can be isolated from all other power rails by a ferrite bead to reduce noise.
•
The DC resistance of the ferrite bead on the core power rail can affect the voltage provided to the device due
to the high current draw on the power rail. The output of the core voltage regulator may need to be adjusted
to account for this or a ferrite bead with low DC resistance (less than 0.05 Ω) can be selected.
•
The VDD33 terminals of the TUSB8020B supply 3.3-V power rail to the I/O of the TUSB8020B. This power rail
can be isolated from all other power rails by a ferrite bead to reduce noise.
•
All power rails require a 10-µF capacitor or 1-µF capacitors for stability and noise immunity. These bulk
capacitors can be placed anywhere on the power rail. The smaller decoupling capacitors should be placed as
close to the TUSB8020B power pins as possible with an optimal grouping of two of differing values per pin.
10.2 Downstream Port Power
•
The downstream port power, VBUS, must be supplied by a source capable of supplying 5 V and at least
900 mA per port. Downstream port power switches can be controlled by the TUSB8020BPHP signals. It is
possible to leave the downstream port power always enabled.
•
Each downstream port’s VBUS requires a large bulk low-ESR capacitor of 22 µF or larger to limit in-rush
current.
•
TI recommends ferrite beads on the VBUS pins of the downstream USB port connections for both ESD and
EMI reasons. A 0.1-µF capacitor on the USB connector side of the ferrite provides a low-impedance path to
ground for fast rise time ESD current that might have coupled onto the VBUS trace from the cable.
10.3 Ground
TI recommends to use only one board ground plane in the design. This provides the best image plane for signal
traces running above the plane. The thermal pad of the TUSB8020B and any of the voltage regulators should be
connected to this plane with vias. An earth or chassis ground is only implemented near the USB port connectors
on a different plane for EMI and ESD purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com