Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8020BPHPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 10Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 11Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 12Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 13Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 14Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 15Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 External Configuration Interface
The TUSB8020B supports a serial interface for configuration register access. The device may be configured by
an attached I2C EEPROM or accessed as a slave by a SMBus-capable host controller. The external interface is
enabled when both the SCL/SMBCLK and SDA/SMBDAT terminals are pulled up to 3.3 V at the deassertion of
reset. The mode, I2C master, or SMBus slave is determined by the state of SMBUSz/SS_DN2 terminal at reset.
8.4.2 I2C EEPROM Operation
The TUSB8020B supports a single-master, standard mode (100 kbit/s) connection to a dedicated I2C EEPROM
when the I2C interface mode is enabled. In I2C mode, the TUSB8020B reads the contents of the EEPROM at bus
address 1010000b using 7-bit addressing starting at address 0.
If the value of the EEPROM contents at byte 00h equals 55h, the TUSB8020B loads the configuration registers
according to the EEPROM map. If the first byte is not 55h, the TUSB8020B exits the I2C mode and continues
execution with the default values in the configuration registers. The hub will not connect on the upstream port
until the configuration is completed. If the TUSB8020B detects an unprogrammed EEPROM (value other than
55h), it enters programming mode and a programming endpoint within the hub is enabled.
Note, the bytes located above offset Ah are optional. The requirement for data in those addresses depends on
the options configured in the Device Configuration, Phy Custom Configuration, and Device Configuration 2
registers.
For details on I2C operation, refer to the UM10204 I2C-bus Specification and User Manual.
8.4.3 SMBus Slave Operation
When the SMBus interface mode is enabled, the TUSB8020B supports read block and write block protocols as a
slave-only SMBus device.
The TUSB8020B slave address is 1000 1xyz, where:
•
x is the state of GANGED/SMBA2/HS_UP terminal at reset
•
y is the state of FULLPWRMGMTz/SMBA1/SS_UP terminal at reset
•
z is the read/write bit; 1 = read access, 0 = write access.
If the TUSB8020B is addressed by a host using an unsupported protocol, it does not respond. The TUSB8020B
waits indefinitely for configuration by the SMBus host and does not connect on the upstream port until the
SMBus host indicates configuration is complete by clearing the CFG_ACTIVE bit.
For details on SMBus requirements, refer to the System Management Bus Specification.
NOTE
During the SMBUS configuration the hub may draw an extra current, this extra current
consumption will end as soon as the CFG_ACTIVE bit is cleared. For more information,
see Hub Input Supply Current in this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com