Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8020BPHPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 5 Page - Texas Instruments

  TUSB8020BPHPR Datasheet HTML 1Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 2Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 3Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 4Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 5Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 6Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
I
2C/SMBUS SIGNALS
SCL/SMBCLK
2
I/O
PD
I
2C clock/SMBus clock. Function of terminal depends on the setting of the SMBUSz input.
When SMBUSz = 1, this terminal acts as the serial clock interface for an I
2C EEPROM.
When SMBUSz = 0, this terminal acts as the serial clock interface for an SMBus host.
This pin must be pulled up to use the OTP ROM.
Can be left unconnected if external interface not implemented.
SDA/SMBDAT
3
I/O
PD
I
2C data/SMBus data. Function of terminal depends on the setting of the SMBUSz input.
When SMBUSz = 1, this terminal acts as the serial data interface for an I
2C EEPROM.
When SMBUSz = 0, this terminal acts as the serial data interface for an SMBus host.
This pin must be pulled up to use the OTP ROM.
Can be left unconnected if external interface not implemented.
TEST AND MISCELLANEOUS SIGNALS
SMBUSz/SS_DN2
22
I
PU
SMBUS mode / SuperSpeed USB Status for downstream port 2
The value of the terminal is sampled at the deassertion of reset to enable I
2C or SMBus mode.
0 = SMBus mode selected
1 = I
2C mode selected
After reset, this signal indicates the SuperSpeed USB connection status of downstream port 2. A value of 1 indicates the
connection is SuperSpeed USB.
PWRCTL_POL/SS_DN1
21
I/O
PD
Power control polarity / SuperSpeed USB status for downstream port 1.
The value of the terminal is sampled at the deassertion of reset to set the polarity of PWRCTL[2:1].
0 = PWRCTL polarity is active high.
1 = PWRCTL polarity is active low.
After reset, this signal indicates the SuperSpeed USB connection status of downstream port 1. A value of 1 indicates the
connection is SuperSpeed USB.
GANGED/SMBA2/
HS_UP
35
I
PU
Ganged operation enable/SMBus address bit 2/ high-speed status for upstream port
The value of the terminal is sampled at the deassertion of reset to set the power switch and over current detection mode as
follows:
0 = Individual power control supported when power switching is enabled.
1 = Power control gangs supported when power switching is enabled.
When SMBus mode is enabled using SMBUSz, this terminal sets the value of the SMBus slave address bit 2. SMBus slave
address bits 2 and 3 are always 1 for the TUSB8020B.
After reset, this signal indicates the high-speed USB connection status of the upstream port. A value of 1 indicates the upstream
port is connected to a high-speed USB capable port.
FULLPWRMGMTz/
SMBA1/SS_UP
36
I, PU
Full power management enable/ SMBus Address bit 1/ Super-Speed USB status for upstream port
The value of the terminal is sampled at the deassertion of reset to set the power switch control follows:
0 = Power switching supported
1 = Power switching not supported
Full power management is the ability to control power to the downstream ports of the TUSB8020B using
PWRCTL[2:1]/BATEN[2:1].
When SMBus mode is enabled using SMBUSz, this terminal sets the value of the SMBus slave address bit 1. SMBus slave
address bit 3 is always 1 for the TUSB8020B.
Can be left unconnected if full power management and SMBus are not implemented.
After reset, this signal indicates the SuperSpeed USB connection status of the upstream port. A value of 1 indicates the
upstream port is connected to a SuperSpeed USB capable port.
TEST
10
I
PD
TEST mode enable. When this terminal is asserted high at reset enables test mode. This terminal is reserved for factory use. It
is recommended to pull-down this terminal to ground.
POWER AND GROUND SIGNALS
VDD
1, 12, 18, 30,
34, 45
PWR
1.1-V power rail
VDD33
7, 13, 23, 25,
33, 37, 40, 48
PWR
3.3-V power rail
GND
PAD
—
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com