Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4360 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CDB4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4360 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CDB4360 Datasheet HTML 27Page - Cirrus Logic CDB4360 Datasheet HTML 28Page - Cirrus Logic CDB4360 Datasheet HTML 29Page - Cirrus Logic CDB4360 Datasheet HTML 30Page - Cirrus Logic CDB4360 Datasheet HTML 31Page - Cirrus Logic CDB4360 Datasheet HTML 32Page - Cirrus Logic CDB4360 Datasheet HTML 33Page - Cirrus Logic CDB4360 Datasheet HTML 34Page - Cirrus Logic CDB4360 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
CS4360
DS517F2
31
6.1.3
DE-EMPHASIS CONTROL (DEM) BIT 2-3
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Selects the appropriate digital filter to maintain the standard 15
µs/50 µs digital de-emphasis filter re-
sponse at 32-, 44.1- or 48-kHz sample rates. (See Figure 18.)
Note:
De-emphasis is only available in Single-speed Mode.
6.1.4
FUNCTIONAL MODE (FM) BIT 0-1
Default = 00
00 - Single-speed Mode (4- to 50-kHz sample rates)
01 - Double-speed Mode (50- to 100-kHz sample rates)
10 - Quad-speed Mode (100- to 200-kHz sample rates)
11 - Reserved
Function:
Selects the required range of input sample rates.
6.2
INVERT SIGNAL (ADDRESS 02H)
6.2.1
INVERT SIGNAL POLARITY (INV_XX) BIT 0-5
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, these bits invert the signal polarity for each of their respective channels.
6.3
MIXING CONTROL PAIR 1 (CHANNELS A1 & B1) (ADDRESS 03H)
MIXING CONTROL PAIR 2 (CHANNELS A2 & B2) (ADDRESS 04H)
MIXING CONTROL PAIR 3 (CHANNELS A3 & B3) (ADDRESS 05H)
76543
210
Reserved
Reserved
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
00000
000
76543
210
Reserved
Reserved
Reserved
Reserved
PxATAPI3
PxATAPI2
PxATAPI1
PxATAPI0
00001
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com