Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4360 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4360 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB4360 Datasheet HTML 29Page - Cirrus Logic CDB4360 Datasheet HTML 30Page - Cirrus Logic CDB4360 Datasheet HTML 31Page - Cirrus Logic CDB4360 Datasheet HTML 32Page - Cirrus Logic CDB4360 Datasheet HTML 33Page - Cirrus Logic CDB4360 Datasheet HTML 34Page - Cirrus Logic CDB4360 Datasheet HTML 35Page - Cirrus Logic CDB4360 Datasheet HTML 36Page - Cirrus Logic CDB4360 Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
CS4360
DS517F2
33
6.4
VOLUME CONTROL (ADDRESSES 06H - 0BH)
6.4.1
MUTE (MUTE) BIT 7
Default = 0
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter output will mute when enabled. The quiescent voltage on the output
will be retained. The muting function is affected, similar to attenuation changes, by the Soft and Zero
Cross bits. The MUTEC pin will become active during the mute period if the Mute function is enabled
for both channels in the pair.
6.4.2
VOLUME CONTROL (XX_VOL) BIT 0-6
Default = 0
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1-dB increments
from 0 to -119 dB. Volume settings are decoded as shown in Table 10. The volume changes are im-
plemented as dictated by the Soft Ramp and Zero Cross bits. All volume settings less than -119 dB
are equivalent to enabling the MUTE bit.
6.5
MODE CONTROL 2 (ADDRESS 0DH)
6.5.1
SOFT RAMP AND ZERO CROSS CONTROL (SZC) BIT 6-7
Default = 10
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp and Zero Cross
Function:
Immediate Change
When Immediate Change is selected all level changes will be implemented immediately in one step.
76543
210
xx_MUTE
xx_VOL6
xx_VOL5
xx_VOL4
xx_VOL3
xx_VOL2
xx_VOL1
xx_VOL0
00000
000
Binary Code
Decimal Value
Volume Setting
0001010
10
-10 dB
0010100
20
-20 dB
0101000
40
-40 dB
0111100
60
-60 dB
1011010
90
-90 dB
Table 10. Example Digital Volume Settings
76543
210
SZC1
SZC0
CPEN
PDN
POPG
FREEZE
MCLKDIV
SNGLVOL
10011
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com