Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 14Page - Cirrus Logic CS5101A Datasheet HTML 15Page - Cirrus Logic CS5101A Datasheet HTML 16Page - Cirrus Logic CS5101A Datasheet HTML 17Page - Cirrus Logic CS5101A Datasheet HTML 18Page - Cirrus Logic CS5101A Datasheet HTML 19Page - Cirrus Logic CS5101A Datasheet HTML 20Page - Cirrus Logic CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
CS5101A CS5102A
18
DS45F6
fine-charge until HOLD goes low. To get an accu-
rate sample using the CS5101A, at least 750 ns of
coarse-charge, followed by 1.125
µs of fine-charge
is required before initiating a conversion. If coarse
charge is not invoked, then up to 25
µs should be
allowed after a step change input for proper acqui-
sition. To get an accurate sample using the
CS5102A, at least 3.75
µs of coarse-charge, fol-
lowed by 5.625
µs of fine-charge is required before
initiating a conversion (see Figure 4). If coarse
charge is not invoked, then up to 125
µs should be
allowed after a step change input for proper acqui-
sition. The CRS/FIN pin must be low prior to HOLD
becoming active and be held low during conver-
sion.
Figure 4. Coarse/Fine Charge Control
4.3
Master Clock
The CS5101A and CS5102A can operate either
from an externally-supplied master clock, or from
their own crystal oscillator (with a crystal). To en-
able the internal crystal oscillator, simply tie a crys-
tal across the XOUT and CLKIN pins and add 2
capacitors and a resistor, as shown on the system
connection diagram in Figure 9.
Calibration and conversion times directly scale to
the master clock frequency. The CS5101A can op-
erate with clock or crystal frequencies up to 9.216
MHz (8.0 MHz in FRN mode). This allows maxi-
mum throughput of up to 50 kSps per channel in
dual-channel operation, or 100 kSps in a single-
channel configuration. The CS5102A can operate
with clock or crystal frequencies up to 2.0 MHz (1.6
MHz in FRN mode). This allows maximum
throughput of up to 10 kSps per channel in dual-
channel operation, or 20 kSps in a single channel
configuration. For 16-bit performance a 1.6 MHz
clock is recommended. This 1.6 MHz clock yields
a maximum throughput of 20 kSps in a single-
channel configuration.
4.4
Asynchronous Sampling
Considerations
When HOLD goes low, the analog sample is cap-
tured immediately. The HOLD signal is latched by
the next falling edge of CLKIN, and conversion
then starts on the subsequent rising edge. If HOLD
is asynchronous to CLKIN, then there will be a 1.5-
CLKIN-cycle uncertainty as to when conversion
starts. Considering the CS5101A with an 8 MHz
CLKIN, with a 100 kHz HOLD signal, then this 1.5-
CLKIN uncertainty will result in a 1.5-CLKIN-period
possible reduction in fine charge time for the next
conversion.
This reduced fine charge time will be less than the
minimum specification. If the CLKIN frequency is
increased slightly (for example, to 8.192 MHz) then
sufficient fine charge time will always occur. The
maximum frequency for CLKIN is specified at
9.216 MHz. It is recommended that for asynchro-
nous operation at 100 kSps, CLKIN should be be-
tween 8.192 MHz and 9.216 MHz.
CL K IN
CR S/FIN
In te rn a l
S tatus
C onv.
Co arse
F in e C hg.
Coarse
F ine C hg.
Co n v.
TR K 1 or
TR K 2
HO LD
M in: 1.1 2 5
µs*
6 clk
2 clk
M in: 750 ns*
3.75
µ s**
5 .6 25
µ s**
* A pplie s to 5101A
** A pplie s to 51 02A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com