| Electronic Components Datasheet Search |
|
CS5101A Datasheet(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5101A Datasheet(HTML) 20 Page - Cirrus Logic |
|
20 / 39 page ![]() CS5101A CS5102A 20 DS45F6 4.6.2 Register Burst Transmission (RBT) RBT mode is selected by tying SCKMOD high, and OUTMOD low. As in PDT mode, SCLK is an input, however data is available immediately following conversion, and may be clocked out the moment TRK1 or TRK2 falls. The falling edge of HOLD clears the output buffer, so any unread data will be lost. A new conversion may be initiated before all the data has been clocked out if the unread data bits are not important (Figure 6). 4.6.3 Synchronous Self-clocking (SSC) SSC mode is selected by tying SCKMOD low, and OUTMOD high. In SSC mode, SCLK is an output, and will clock out each bit of the data as it's being converted. SCLK will remain high between conver- sions, and run at a rate of 1/4 the master clock speed for 16 low pulses during conversion (Figure 7). The SSH/SDL goes low coincident with the first falling edge of SCLK, and returns high 2 CLKIN cy- cles after the last rising edge of SCLK. This signal frames the 16 data bits and is useful for interfacing to shift registers (e.g. 74HC595) or to DSP serial ports. 4.6.4 Free Run (FRN) Free Run is the internal, synchronous loopback mode. FRN mode is selected by tying SCKMOD and OUTMOD low. SCLK is an output, and oper- ates exactly the same as in the SSC mode. In Free Run mode, the converter initiates a new conver- sion every 80 master clock cycles, and alternates between channel 1 and channel 2. HOLD is dis- abled, and should be tied to either VD+ or DGND. CH1/2 is an output, and will change at the start of each new conversion cycle, indicating which chan- nel will be tracked after the current conversion is finished (Figure 8). The SSH/SDL goes low coincident with the first falling edge of SCLK, and returns high 2 CLKIN cy- cles after the last rising edge of SCLK. This signal frames the 16 data bits and is useful for interfacing to shift registers (e.g. 74HC595) or to DSP serial ports. Figure 5. Pipelined Data Transmission (PDT) Mode Timing CL K IN (i) HOL D (i) In te rn a l S tatus SC L K (i) SD ATA (o ) C H 1/2 (i) D15 D 14 D1 D 0 (C h. 1) TRK 1 (o ) TRK 2 (o ) SS H /S D L (o ) C onverting C h. 2 D15 D 14 D1 D 0 (C h. 2) C onverting C h . 1 D15 68 72 76 04 8 64 68 72 76 4 8 64 60 60 0 0 T ra c king C h. 1 T ra c king C h. 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |