Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 15Page - Cirrus Logic CS5101A Datasheet HTML 16Page - Cirrus Logic CS5101A Datasheet HTML 17Page - Cirrus Logic CS5101A Datasheet HTML 18Page - Cirrus Logic CS5101A Datasheet HTML 19Page - Cirrus Logic CS5101A Datasheet HTML 20Page - Cirrus Logic CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic CS5101A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
CS5101A CS5102A
DS45F6
19
4.5
Analog Input Range/Coding Format
The reference voltage directly defines the input
voltage range in both the unipolar and bipolar con-
figurations.
In
the
unipolar
configuration
(BP/UP low), the first code transition occurs
0.5 LSB above AGND, and the final code transition
occurs 1.5 LSBs below VREF. In the bipolar con-
figuration (BP/UP high), the first code transition oc-
curs 0.5 LSB above -VREF and the last transition
occurs 1.5 LSBs below +VREF. The CS5101A and
CS5102A can output data in either 2's comple-
ment, or binary format. If the CODE pin is high, the
output is in 2's complement format with a range of
-32,768 to +32,767. If the CODE pin is low, the out-
put is in binary format with a range of 0 to +65,535.
See Table 1 for output coding.
4.6
Output Mode Control
The CS5101A and CS5102A can be configured in
three different output modes, as well as an internal,
synchronous loop-back mode. This allows great
flexibility for design into a wide variety of systems.
The operating mode is selected by setting the
states of the SCKMOD and OUTMOD pins. In all
modes, data is output on SDATA, starting with the
MSB. Each subsequent data bit is updated on the
falling edge of SCLK.
When SCKMOD is high, SCLK is an input, allowing
the data to be clocked out with an external serial
clock at rates up to 5 MHz. Additional clock edges
after #16 will clock out logic 1s on SDATA. Tying
SCKMOD low reconfigures SCLK as an output,
and the converter clocks out each bit as it is deter-
mined during the conversion process, at a rate of
1/4 the master clock speed. Table 2 shows an
overview of the different states of SCKMOD and
OUTMOD, and the corresponding output modes.
4.6.1
Pipelined Data Transmission
PDT mode is selected by tying both SCKMOD and
OUTMOD high. In PDT mode, the SCLK pin is an
input. Data is registered during conversion, and
output during the following conversion cycle.
HOLD must be brought low, initiating another con-
version, before data from the previous conversion
is available on SDATA. If all the data has not been
clocked out before the next falling edge of HOLD,
the old data will be lost (Figure 5).
Table 1. Output Coding
Unipolar Input Voltage
Offset
Binary
Two’s
Complement
Bipolar Input Voltage
>(VREF-1.5 LSB)
FFFF
7FFF
>(VREF-1.5 LSB)
VREF-1.5 LSB
FFFF
FFFE
7FFF
7FFE
VREF-1.5 LSB
(VREF/2)-0.5 LSB
8000
7FFF
0000
FFFF
-0.5 LSB
+0.5 LSB
0001
0000
8001
8000
-VREF+0.5 LSB
<(+0.5 LSB)
0000
8000
<(-VREF+0.5 LSB)
Table 2. Output Mode Control
MODE
SCKMOD
OUTMOD
SCLK
CH1/2
HOLD
PDT
1
1
Input
Input
Input
RBT
1
0
Input
Input
Input
SSC
0
1
Output
Input
Input
FRN
0
0
Output
Output
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com