Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA1015M/C2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 10Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 11Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 12Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 13Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 14Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1995 Jun 22
11
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.4 IDD as a function of VDD with both synthesizers on and voltage doubler disabled.
(1) Tamb = +85 °C.
(2) Tamb = +25 °C.
(3) Tamb = −30 °C.
Fig.5 Charge pump current as a function of CPA voltage.
RSET =15kΩ; CRA = 1.
(1) VCC = 2.7 V.
(2) VCC = 6.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com