Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3386 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 17Page - PMC-Sierra, Inc PM3386 Datasheet HTML 18Page - PMC-Sierra, Inc PM3386 Datasheet HTML 19Page - PMC-Sierra, Inc PM3386 Datasheet HTML 20Page - PMC-Sierra, Inc PM3386 Datasheet HTML 21Page - PMC-Sierra, Inc PM3386 Datasheet HTML 22Page - PMC-Sierra, Inc PM3386 Datasheet HTML 23Page - PMC-Sierra, Inc PM3386 Datasheet HTML 24Page - PMC-Sierra, Inc PM3386 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
14
MHz) from the upper layer device. The channel is selected by the upper layer
device and is indicated in-band on the POS-PHY interface. The EGMAC builds a
properly formatted Ethernet physical packet (padding to minimum size and
inserting the preamble, start of frame delimiter (SFD) and the inter-packet gap
(IPG)). Statistics are updated and the physical packet is sent to the SERDES or
the GMII interface.
For SERDES operation, the EGMAC encodes the physical packet using 8B/10B
encoding and passes the physical packet to the SERDES block. The SERDES
performs parallel to serial conversion using an internally synthesized 1250 MHz
clock. The bit stream is sent to an external optical transceiver for transmission
over fiber cable. For GMII operation, the EGMAC sends the physical packet byte
by byte across the GMII interface (8 bits clocked at 125 MHz) to an external
copper Gigabit Ethernet physical layer device. The copper Gigabit Ethernet
physical layer device then transmits the physical packet over copper cable.
Flow Control
Flow control is handled in the EGMAC block. When a PAUSE control frame is
received, the PM3386 will optionally terminate transmission (after the current
frame is sent) and assert the appropriate channel side band flow control output
to indicate the paused condition. The received PAUSE control frame can be
optionally filtered or passed to the link layer device via the POS-PHY Level 3
interface.
PAUSE control frames are transmitted either under link layer control using
channel side band flow control inputs, under link layer control transparent to the
PM3386, host based PAUSE frame control or under internal control based on
receive FIFO levels. All four methods can provide for loss-less flow control.
General
The PM3386 is configured, controlled and monitored via a generic 16-bit
microprocessor bus interface. The PM3386 also provides a standard 5 signal
IEEE 1149.1 JTAG test port for boundary scan board test purposes.
The PM3386 is implemented in low power, +1.8 Volt, CMOS technology with 5V
TTL compatible digital inputs and 3.3V TTL/CMOS compatible digital outputs.
The PM3386 is packaged in a 352-pin UBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com