Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3386 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 43Page - PMC-Sierra, Inc PM3386 Datasheet HTML 44Page - PMC-Sierra, Inc PM3386 Datasheet HTML 45Page - PMC-Sierra, Inc PM3386 Datasheet HTML 46Page - PMC-Sierra, Inc PM3386 Datasheet HTML 47Page - PMC-Sierra, Inc PM3386 Datasheet HTML 48Page - PMC-Sierra, Inc PM3386 Datasheet HTML 49Page - PMC-Sierra, Inc PM3386 Datasheet HTML 50Page - PMC-Sierra, Inc PM3386 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
40
Pin Name
Type
Pin No. Function
VDDQ
Power
G24
AC15
AA3
L4
D15
3.3V Digital Quite power to the I/O
AVDH
Analog
Power
H26
J24
L25
L24
N24
R23
U24
3.3V Analog power to analog cells. Insure
these inputs are connected to a well-
decoupled +3.3V DC supply.
AVDL
Analog
Power
G23
H23
H24
K23
K24
N26
N25
N23
P23
P25
P26
T24
T25
1.8V Analog power to analog cells. Insure
these inputs are connected to a well-
decoupled +1.8V DC supply.
AVDQ
Analog
Power
H25
P24
3.3V Analog Quite power to analog cells.
Insure these inputs are connected to a
well-decoupled +3.3V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com