Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3386 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 34Page - PMC-Sierra, Inc PM3386 Datasheet HTML 35Page - PMC-Sierra, Inc PM3386 Datasheet HTML 36Page - PMC-Sierra, Inc PM3386 Datasheet HTML 37Page - PMC-Sierra, Inc PM3386 Datasheet HTML 38Page - PMC-Sierra, Inc PM3386 Datasheet HTML 39Page - PMC-Sierra, Inc PM3386 Datasheet HTML 40Page - PMC-Sierra, Inc PM3386 Datasheet HTML 41Page - PMC-Sierra, Inc PM3386 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Signal Name
Direction Pin No. Function
RPRTY
Output
U3
POS-PHY Receive Parity
The receive parity (RPRTY) signal
indicates the parity calculated over the
RDAT bus. RPRTY is only valid when
RVAL or RSX is asserted. The PM3386
supports both odd and even parity over the
RDAT bus.
RPRTY is updated on the rising edge of
RFCLK.
RMOD[0]
RMOD[1]
Output
Y1
W2
POS-PHY Receive Word Modulo
RMOD[1:0] indicates the number of valid
bytes of data in RDAT[31:0]. The RMOD
bus must always be zero, except during the
last double-word transfer of a packet on
RDAT[31:0]. When REOP and RVAL are
asserted, the number of valid packet data
bytes on RDAT[31:0] is specified by
RMOD[1:0].
RMOD[1:0] = “00” RDAT[31:0] valid
RMOD[1:0] = “01” RDAT[31:8] valid
RMOD[1:0] = “10” RDAT[31:16] valid
RMOD[1:0] = “11”
RDAT[31:24] valid
RMOD[1:0] is considered valid only when
RVAL and REOP are asserted.
RMOD[1:0] is updated on the rising edge of
RFCLK.
RSOP
Output
Y2
POS-PHY Receive Start of Packet
Active high signal used to delineate the
packet boundaries on the RDAT bus.
When RSOP is high, the start of the packet
is present on the RDAT bus.
RSOP is required to be present at the start
of every packet and is only considered
valid when RVAL is asserted.
RSOP is updated on the rising edge of
RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com