Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3386 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 55Page - PMC-Sierra, Inc PM3386 Datasheet HTML 56Page - PMC-Sierra, Inc PM3386 Datasheet HTML 57Page - PMC-Sierra, Inc PM3386 Datasheet HTML 58Page - PMC-Sierra, Inc PM3386 Datasheet HTML 59Page - PMC-Sierra, Inc PM3386 Datasheet HTML 60Page - PMC-Sierra, Inc PM3386 Datasheet HTML 61Page - PMC-Sierra, Inc PM3386 Datasheet HTML 62Page - PMC-Sierra, Inc PM3386 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
52
11
NORMAL MODE REGISTER DESCRIPTION
This section describes the normal mode registers in the device.
Table 11
- PM3386 General Memory Map
Group
Address Range (Hex)
Top
0x0 to 0x7
PL3IP
0x100 to 0x14F
PL3EP
0x200 to 0x24B
EGMAC 0
0x300 to 0x376
EGMAC 1
0x400 to 0x476
MSTAT 0
0x500 to 0x5E9
MSTAT 1
0x600 to 0x6E9
SERDES
0x700 to 0x71F
Table 12
PM3386 Specific Memory Map
Address (Hex)
Register
Top Level Registers
0x0
Identification Register
0x1
Product Revision Register
0x2
Reset Control Register
0x3
Interrupt Status Register
0x4
Device Status Register
0x5
Reference Out of Lock Status Register
0x6
Data Out Of Lock Status Register
0x7
Software Resource Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com