Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843246BGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS843246BGI
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843246BGI Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS843246BGI Datasheet HTML 1Page - Integrated Device Technology ICS843246BGI Datasheet HTML 2Page - Integrated Device Technology ICS843246BGI Datasheet HTML 3Page - Integrated Device Technology ICS843246BGI Datasheet HTML 4Page - Integrated Device Technology ICS843246BGI Datasheet HTML 5Page - Integrated Device Technology ICS843246BGI Datasheet HTML 6Page - Integrated Device Technology ICS843246BGI Datasheet HTML 7Page - Integrated Device Technology ICS843246BGI Datasheet HTML 8Page - Integrated Device Technology ICS843246BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
4
ICS843246BGI REV. A AUGUST 2, 2007
ICS843246I
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCO = 3.3V±5%, VEE = 0V,
TA = -40°C TO 85°C
TABLE 4C. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = 3.3V±5%, VCCO = 3.3V±5%
OR
2.5V±5%, V
EE = 0V,
TA = -40°C TO 85°C
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.3V±5%, VCCO = 2.5V±5%, VEE = 0V,
TA = -40°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
37°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
L
E
S
_
B
FV
C
C
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
,
S
S
A
P
Y
B
_
L
L
P
1
L
E
S
_
N
,
0
L
E
S
_
N
V
C
C
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
L
E
S
_
B
FV
C
C
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
,
S
S
A
P
Y
B
_
L
L
P
1
L
E
S
_
N
,
0
L
E
S
_
N
V
C
C
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV
C
C
0
1
.
0
–3
.
3V
C
C
V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
8
1A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
0
1A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV
C
C
0
1
.
0
–3
.
3V
C
C
V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
8
1A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
0
1A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com