Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843246BGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS843246BGI
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843246BGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS843246BGI Datasheet HTML 2Page - Integrated Device Technology ICS843246BGI Datasheet HTML 3Page - Integrated Device Technology ICS843246BGI Datasheet HTML 4Page - Integrated Device Technology ICS843246BGI Datasheet HTML 5Page - Integrated Device Technology ICS843246BGI Datasheet HTML 6Page - Integrated Device Technology ICS843246BGI Datasheet HTML 7Page - Integrated Device Technology ICS843246BGI Datasheet HTML 8Page - Integrated Device Technology ICS843246BGI Datasheet HTML 9Page - Integrated Device Technology ICS843246BGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
6
ICS843246BGI REV. A AUGUST 2, 2007
ICS843246I
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
TYPICAL PHASE NOISE AT 125MHZ @ 3.3V
125MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.41ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Gb Ethernet Filter to raw data
Raw Phase Noise Data
Gb Ethernet Filter
TYPICAL PHASE NOISE AT 312.5MHZ @ 3.3V
OFFSET FREQUENCY (HZ)
312.5MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.47ps (typical)
Phase Noise Result by adding
Gb Ethernet Filter to raw data
Raw Phase Noise Data
Gb Ethernet Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com