Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843246BGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS843246BGI
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843246BGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS843246BGI Datasheet HTML 7Page - Integrated Device Technology ICS843246BGI Datasheet HTML 8Page - Integrated Device Technology ICS843246BGI Datasheet HTML 9Page - Integrated Device Technology ICS843246BGI Datasheet HTML 10Page - Integrated Device Technology ICS843246BGI Datasheet HTML 11Page - Integrated Device Technology ICS843246BGI Datasheet HTML 12Page - Integrated Device Technology ICS843246BGI Datasheet HTML 13Page - Integrated Device Technology ICS843246BGI Datasheet HTML 14Page - Integrated Device Technology ICS843246BGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
11
ICS843246BGI REV. A AUGUST 2, 2007
ICS843246I
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
FIGURE 5. SCHEMATIC OF RECOMMENDED LAYOUT
LAYOUT GUIDELINE
Figure 5 shows an example of ICS843246I application sche-
matic. In this example, the device is operated at V
CC = 3.3V. The
18pF parallel resonant 25MHz crystal is used. The C1 = 22pF
and C2 = 22pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy. Two examples of LVPECL
termination are shown in this schematic. Additional termination
approaches are shown in the LVPECL Termination Application
Note.
C5
0.1uF
C4
0.01u
N_SEL0
Zo = 50 Ohm
VCC
(U1-2)
18pF
R6
82.5
RU2
Not Install
RU1
1K
Zo = 50 Ohm
C1
22pF
VCCO=3.3V
R4
82.5
RD2
1K
Set Logic
Input to
'1'
VCCO
C7
0.1uF
Set Logic
Input to
'0'
VCC
3.3V
C3
10uF
VCC=3.3V
R9
50
R3
133
R8
50
Optional
Y-Termination
VDD
C6
0.1uF
(U1-11)
RD1
Not Install
To Logic
Input
pins
R2
10
X1
25MHz
Zo = 50 Ohm
U1
843246I
VCC
VCCO
Zo = 50 Ohm
To Logic
Input
pins
N_SEL1
PLL_BY PASS
R5
133
(U1-1)
VDD
+
-
R7
50
+
-
C2
22pF
Logic Control Input Examples
FB_SEL
VCCA
FIGURE 6. P.C. BOARD FOR EXPOSED PAD THERMAL RELEASE PATH EXAMPLE
EXPOSED PAD
Expose Metal Pad
(GROUND PAD)
GROUND PLANE
SOLDER
SIGNAL
TRACE
SIGNAL
TRACE
THERM AL VIA
SOLDER M ASK
THERMAL RELEASE PATH
The expose metal pad provides heat transfer from the device
to the P.C. board. The expose metal pad is ground pad
connected to ground plane through thermal via. The exposed
pad on the device to the exposed metal pad on the PCB is
contacted through solder as shown in Figure 4. For further
information, please refer to the Application Note on Surface
Mount Assembly of Amkor’s Thermally /Electrically Enhance
Leadframe Base Package, Amkor Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com