Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843246BGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS843246BGI
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843246BGI Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS843246BGI Datasheet HTML 1Page - Integrated Device Technology ICS843246BGI Datasheet HTML 2Page - Integrated Device Technology ICS843246BGI Datasheet HTML 3Page - Integrated Device Technology ICS843246BGI Datasheet HTML 4Page - Integrated Device Technology ICS843246BGI Datasheet HTML 5Page - Integrated Device Technology ICS843246BGI Datasheet HTML 6Page - Integrated Device Technology ICS843246BGI Datasheet HTML 7Page - Integrated Device Technology ICS843246BGI Datasheet HTML 8Page - Integrated Device Technology ICS843246BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY
SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246I
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
1
ICS843246BGI REV. A AUGUST 2, 2007
GENERAL DESCRIPTION
The ICS843246I is a Crystal-to-3.3V LVPECL Clock
Synthesizer/Fanout Buffer designed for Fibre
Channel and Gigabit Ethernet applications and is
a member of the HiperClockS™ family of High
Performance Clock Solutions from IDT. The output
frequency can be set using the frequency select pins and a
25MHz crystal for Ethernet frequencies, or a 26.5625MHz
crystal for a Fibre Channel. The low phase noise characteristics
of the ICS843246I make it an ideal clock for these demanding
applications.
BLOCK DIAGRAM
FEATURES
• Six LVPECL outputs
• Crystal oscillator interface
• VCO range: 490MHz to 680MHz
• Crystal input frequency range: 25MHz to 33.333MHz
• RMS phase jitter at 125MHz, using a 25MHz crystal
(1.875MHz to 20MHz): 0.41ps (typical)
• Full 3.3V or 3.3V core, 2.5V output supply mode
Core/Output
3.3V/3.3V
3.3V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
Q0
VCCO
VCCO
nQ2
Q2
nQ1
Q1
nQ0
Q0
PLL_BYPASS
VCCA
VCC
FB_SEL
Q3
nQ3
Q4
nQ4
Q5
nQ5
N_SEL1
VEE
VEE
N_SEL0
XTAL_OUT
XTAL_IN
OSC
PLL
Feedback
Divider
Output
Divider
1
0
XTAL_IN
XTAL_OUT
PLL_BYPASS
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
FB_SEL
N_SEL1
N_SEL0
Pullup
Pulldown
Pullup
Pullup
ICS843246I
24-Lead TSSOP, E-Pad
4.40mm x 7.8mm x 0.9mm
body package
G Package
Top View
SELECT FUNCTION TABLE
s
t
u
p
n
In
o
i
t
c
n
u
F
L
E
S
_
B
F1
L
E
S
_
N0
L
E
S
_
Ne
d
i
v
i
D
Me
d
i
v
i
D
NN
/
M
00
0
0
22
0
1
00
1
0
24
5
01
0
0
25
4
01
1
0
28
5
.
2
10
0
4
23
8
10
1
4
24
6
11
0
4
26
4
11
1
4
22
12
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - ICS843246BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246AG ICST-ICS843246AG Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246AGLF ICST-ICS843246AGLF Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246AGLFT ICST-ICS843246AGLFT Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246AGT ICST-ICS843246AGT Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
More results

Similar Description - ICS843246BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com