Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CFLF Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 9Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 10Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 11Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 12Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 13Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 14Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 15Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
12
Chapter 4 Operating Modes Overview
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
4.1.2.3 Software Reset
Entering Software Reset
Initiation of a software reset occurs when a management entity writes a logic one to Control Register bit
0.15. When this write occurs, the ICS1893CF enters the reset state for two REF_IN clock cycles.
Note: Entering a software reset is nearly identical to entering a hardware reset or a power-on reset,
except that during a software-initiated reset, the ICS1893CF does not enter the power-down state.
Exiting Software Reset
At the completion of a reset (either hardware, power-on, or software), the ICS1893CF sets all registers to
their default values. This action automatically clears (that is, sets equal to logic zero) Control Register bit
0.15, the software reset bit. Therefore, for a software reset (only), bit 0.15 is a self-clearing bit that indicates
the completion of the reset process.
Note:
1. The RESETn pin is active low but Control Register bit 0.15 is active high.
2. Exiting a software reset is nearly identical to exiting a hardware reset or a power-on reset, except that
upon exiting a software-initiated reset, the ICS1893CF does not re-latch its Serial Management Port
Address into the Extended Control Register. [For information on the Serial Management Port Address,
see Section 7.11.3, “PHY Address (bits 16.10:6)”.]
3. The Control Register bit 0.15 does not represent the status of a hardware reset. It is a self-clearing bit
that is used to initiate a software reset. During a hardware or power-on reset, Control Register bit 0.15
does not get set to logic one. As a result, this bit 0.15 cannot be used to indicate the completion of the
reset process for hardware or power-on resets.
4.2 Power-Down Operations
The ICS1893CF enters the power-down state whenever either (1) the RESETn pin is low or (2) Control
Register bit 0.11 (the Power-Down bit) is logic one. In the power-down state, the ICS1893CF disables all
internal functions and drives all MAC Interface output pins to logic zero except for those that support the MII
Serial Management Port. In addition, the ICS1893CF tri-states its Twisted-Pair Transmit pins (TP_TXP and
TP_TXN) to achieve an additional reduction in power.
There is one significant difference between entering the power-down state by setting Control Register bit
0.11 as opposed to entering the power-down state during a reset. When the ICS1893CF enters the
power-down state:
• By setting Control Register bit 0.11, the ICS1893CF maintains the value of all Management Register bits
except for the latching low (LL), latching high (LH), and latching maximum (LMX) status bits. Instead,
these LL, LH, and LMX Management Register bits are re-initialized to their default values.
• During a reset, the ICS1893CF sets all of its Management Register bits to their default values. It does not
maintain the state of any Management Register bit.
For more information on power-down operations, see the following:
• Section 7.14, “Register 19: Extended Control Register 2”
• Section 9.4, “DC Operating Characteristics”, which has tables that specify the ICS1893CF power
consumption while in the power-down state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com