| Electronic Components Datasheet Search |
|
ICS1893CFLF Datasheet(PDF) 61 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFLF Datasheet(HTML) 61 Page - Integrated Circuit Systems |
|
61 / 126 page ![]() Chapter 7 Management Register Set ICS1893CF, Rev. F, 03/01/07 Mar. 2007 61 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.7 Register 5: Auto-Negotiation Link Partner Ability Register Table 7-12 lists the bits for the Auto-Negotiation Link Partner Ability Register. An STA uses this register to determine the capabilities being advertised by the remote link partner. During the auto-negotiation process, the ICS1893CF advertises (that is, exchanges) the capability data with its remote link partner using a pre-defined Link Code Word. The value of the Link Control Word received from its remote link partner establishes the value of the bits in this register. Note: 1. For an explanation of acronyms used in Table 7-12, see Chapter 1, “Abbreviations and Acronyms”. 2. The values in this register are valid only when the auto-negotiation process is complete, as indicated by bit 1.5 or bit 17.4. † As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value to all Reserved bits. 7.7.1 Next Page (bit 5.15) If bit 5.15 is logic: • Zero, then the remote link partner is indicating that this is the last page being transmitted. • One, then the remote link partner is indicating that additional pages follow. Table 7-12. Auto-Negotiation Link Partner Ability Register (register 5 [0x05]) Bit Definition When Bit = 0 When Bit = 1 Ac- cess SF De- fault Hex 5.15 Next Page Next Page disabled Next Page enabled RO – 0 0 5.14 Acknowledge Always 0 N/A RO – 0 5.13 Remote fault No faults detected Remote fault detected RO – 0 5.12 IEEE reserved Always 0 N/A RO – 0† 5.11 IEEE reserved Always 0 N/A RO – 0† 0 5.10 IEEE reserved Always 0 N/A RO – 0† 5.9 100Base-T4 Always 0. (Not supported.) N/A RO – 0 5.8 100Base-TX, full duplex Link partner is not capable Link partner is capable RO – 0 5.7 100Base-TX, half duplex Link partner is not capable Link partner is capable RO – 0 0 5.6 10Base-T, full duplex Link partner is not capable Link partner is capable RO – 0 5.5 10Base-T, half duplex Link partner is not capable Link partner is capable RO – 0 5.4 Selector Field bit S4 IEEE 802.3 defined. Always 0. N/A RO – 0 5.3 Selector Field bit S3 IEEE 802.3 defined. Always 0. N/A CW – 0 0 5.2 Selector Field bit S2 IEEE 802.3 defined. Always 0. N/A CW – 0 5.1 Selector Field bit S1 IEEE 802.3 defined. Always 0. N/A CW – 0 5.0 Selector Field bit S0 N/A IEEE 802.3 defined. Always 1. CW – 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |