| Electronic Components Datasheet Search |
|
ICS1893CFLF Datasheet(PDF) 44 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFLF Datasheet(HTML) 44 Page - Integrated Circuit Systems |
|
44 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 44 Chapter 7 Management Register Set ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.1.2 Management Register Bit Access The ICS1893CF Management Registers include one or more of the following types of bits: 7.1.3 Management Register Bit Default Values The tables in this chapter specify for each register bit the default value, if one exists. The ICS1893CF sets all Management Register bits to their default values after a reset. Table 7-4 lists the valid default values for ICS1893CF Management Register bits. Note: The ICS1893CF has a number of reserved bits throughout the Management Registers. Most of these bits provide enhanced test modes. The Management Register tables provide the default values for these bits. The STA must not change the value of these bits under any circumstance. If the STA inadvertently changes the default values of these reserved register bits, normal operation of the ICS1893CF can be affected. Table 7-3. Description of Management Register Bit Types Management Register Bit Types Bit Symbol Description Read-Only RO An STA can obtain the value of a RO register bit. However, it cannot alter the value of (that is, it cannot write to) an RO register bit. The ICS1893CF isolates any STA attempt to write a value to an RO bit. Command Override Write CW An STA can read a value from a CW register bit. However, write operations are conditional, based on the value of the Command Register Override bit (bit 16.15). When bit 16.15 is logic: • Zero (the default), the ICS1893CF isolates STA attempts to write to the CW bits (that is, CW bits cannot be altered when bit 16.15 is logic zero). • One, the ICS1893CF permits an STA to alter the value of the CW bits in the subsequent register write. (Bit 16.15 is self-clearing and automatically clears to zero on the subsequent write.) Read/Write R/W An STA can unconditionally read from or write to a R/W register bit. Read/Write Zero R/W0 An STA can unconditionally read from a R/W0 register bit, but only a ‘0’ value can be written to this bit. Table 7-4. Range of Possible Valid Default Values for ICS1893CF Register Bits Default Condition Default Value – Indicates there is no default value for the bit 0 Indicates the bit’s default value is logic zero 1 Indicates the bit’s default value is logic one State of pin at reset For some bits, the default value depends on the state (that is, the logic value) of a particular pin at reset (that is, the logic value of a pin is latched at reset). An example of pins that have a default condition that depends on the state of the pin at reset are the PHY / LED pins (P0AC, P1CL, P2LI, P3TD, and P4RD) discussed in the following sections: • Section 5.5, “Status Interface” • Section 7.11, “Register 16: Extended Control Register” • Section 8.2.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |