| Electronic Components Datasheet Search |
|
ICS1893CFLF Datasheet(PDF) 31 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFLF Datasheet(HTML) 31 Page - Integrated Circuit Systems |
|
31 / 126 page ![]() Chapter 6 Functional Blocks ICS1893CF, Rev. F, 03/01/07 Mar. 2007 31 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. Upon receipt of an ESD, the Receive state machine returns to the IDLE state without passing the ESD to the MAC Interface. Detection of an error forces the Receive state machine to assert the receive error signal (RX_ER) and wait for the next symbol. If the ICS1893CF Receive state machine detects a premature end, it forces the assertion of the RX_ER signal, sets the Premature End bit (bit 17.5) to logic one, and transitions to the IDLE State. 6.3.4.2 PMA Receive Modules The ICS1893CF has a PMA Receive module that provides the following functions: • NRZI Decoding The Receive module performs the NRZI decoding on the serial bit stream received from the Twisted-Pair Physical Medium Dependent (TP-PMD) sublayer. It converts the bit stream to a unipolar, positive, binary format that the PMA subsequently passes to the PCS. • Receive Clock Recovery The Receive Clock Recovery function consists of a phase-locked loop (PLL) that operates on the serial data stream received from the PMD sublayer. This PLL automatically synchronizes itself to the clock encoded in the serial data stream and then provides both a recovered clock and data stream to the PCS. • Link Monitoring – The ICS1893CF’s PMA Link Monitoring function observes the Receive Clock PLL. If the Receive Clock PLL cannot acquire ‘lock’ on the serial data stream, it asserts an error signal. The status of this error signal can be read in the QuickPoll Detailed Status Register’s PLL Lock Error bit (bit 17.9). This bit is a latching high (LH) bit. (For more information on latching high and latching low bits, see Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.) – In addition, the ICS1893CF’s PMA Link Monitor function continually audits the state of the connection with the remote link partner. It asserts a receive channel error if a receive signal is not detected or if a PLL Lock Error occurs. These errors, in turn, generate a link fault and force the link monitor function to clear both the Status Register’s Link Status bit (bit 1.2) and the QuickPoll Detailed Status Register’s Link Status bit (bit 17.0). 6.3.5 PCS Control Signal Generation For the PCS sublayer, there are two control signals: a Carrier Sense signal (CRS) and a Collision Detect signal (COL). The CRS control signals is generated as follows: 1. When a logic zero is detected in an idle bit stream, the Receive Functions examines the ensuing bits. 2. When the Receive Functions find the first two non-contiguous zero bits, the Receive state machine moves into the Carrier Detect state. 3. As a result, the Boolean Receiving variable is set to TRUE. 4. Consequently, the Carrier Sense state machine moves into the Carrier Sense ‘on’ state, which asserts the CRS signal. 5. If the PCS Functions: a. Cannot confirm either the /I/J/ (IDLE, J) symbols or the /J/K/ symbols, the receive error signal (RX_ER) is asserted, and the Receive state machine returns to the IDLE state. In IDLE, the Boolean Receiving variable is set to FALSE, thereby causing the Carrier Sense state machine to set the CRS signal to FALSE. b. Can confirm the /I/J/K/ symbols, then the Receive state machine transitions to the ‘Receive’ state. The COL control signal is generated by the transmit modules. For details, see Section 6.3.3.1, “PCS Transmit Module”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |