Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Rev. 1.00
4�
��to�e� �0� �01�
Rev. 1.00
43
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Exte�nal TMR0
Pin Input
T0�N–with TMR0E = 0
P�es�ale� �utput
In��ement
Time� Counte�
Time�
P�es�ale� �utput is sampled at eve�y falling edge of T1.
+1
+�
+3
+4
Pulse Width Capture Mode Timing Chart (TMR0E=0)
Mode 0
The Timer/Event Counter 1 has a mode 0 for PPG usage. This mode is used to implement the PPG
non-retriggered function. In this mode, the timer starts counting when PPG is stopped and stops
when overflow. That means the T1ON will be set once PPG stopped and cleared when overflow.
Once an overflow occurs, the counter is reloaded from the timer/event counter preload register, and
generates an interrupt request flag. The interrupt can be disabled by ensuring that the Timer/Event
Counter Interrupt Enable bit in the corresponding Interrupt Control Register, it is reset to zero.
Prescaler
Bits TnPSC0~TnPSC2 of the TMRnC register can be used to define a division ratio for the internal
clock source of the Timer/Event Counter enabling longer time out periods to be setup.
�-stage p�es�ale�
8-1 MUX
8-1 MUX
8-1 MUX
T1PSC�
T1PSC1
T1PSC0
T0PSC�
T0PSC1
T0PSC0
T�PSC�
T�PSC1
T�PSC0
fT0
fT1
fT�
fSYS
Prescaler
I/O Interfacing
The Timer/Event Counter, when configured to run in the event counter or pulse width capture
mode, requires the use of an external timer pin for its operation. As this pin is a shared pin it must
be configured correctly to ensure that it is setup for use as a Timer/Event Counter input pin. This is
achieved by ensuring that the mode selects bits in the Timer/Event Counter control register, either
the event counter or pulse width capture mode. Additionally the corresponding Port Control Register
bit must be set high to ensure that the pin is setup as an input. Any pull-high resistor connected to
this pin will remain valid even if the pin is used as a Timer/Event Counter input.
Programming Considerations
When configured to run in the timer mode, the internal system clock is used as the timer clock
source and is therefore synchronised with the overall operation of the microcontroller. In this mode
when the appropriate timer register is full, the microcontroller will generate an internal interrupt
signal directing the program flow to the respective internal interrupt vector. For the pulse width
capture mode, the internal system clock is also used as the timer clock source but the timer will only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com