| Electronic Components Datasheet Search |
|
HT45F0057 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F0057 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc |
|
49 / 88 page ![]() Rev. 1.00 48 ��to�e� �0� �01� Rev. 1.00 49 ��to�e� �0� �01� HT45F0057 Induction Cooker Flash MCU HT45F0057 Induction Cooker Flash MCU tADS A/D sampling time START Powe�-on Reset A/D �onve�sion time Reset A/D �onve�sion 1. Define po�t �onfigu�ation �. Sele�t analog �hannel E�CB A/D sampling time A/D sampling time tADS tADS PCR9~ PCR1 000000000000B 000000001111B 000000001111B 000000000111B 000000000000B ACS3~ ACS0 0000B 0010B 0000B 0001B don’t �a�e Sta�t of A/D �onve�sion Reset A/D �onve�sion Sta�t of A/D �onve�sion Sta�t of A/D �onve�sion End of A/D �onve�sion End of A/D �onve�sion Reset A/D �onve�sion A/D �onve�sion time End of A/D �onve�sion A/D �onve�sion time tADC tADC tADC Note: A/D �lo�k must �e fSYS/�� fSYS/8 o� fSYS/3� tADCS=4tADCK tADC=16tADCK Minimum one inst�u�tion �y�le needed� Maximum ten inst�u�tion �y�les allowed. A/D Conversion Timing Programming Considerations When programming, the special attention must be given to the PCR9~PCR1 bits in the PCRH and PCRL registers. If these bits are all cleared to zero, no external pins will be selected for use as A/D input pins allowing the pins to be used as normal I/O pins. If the A/D converter is not used, the internal A/D circuitry should be power down. This may be an important consideration in power sensitive applications. A/D Transfer Function As the device contains a 12-bit A/D converter, its full-scale converted digitised value is equal to 3FFH. Since the full-scale analog input value is equal to the actual A/D converter reference voltage, VREF, this gives a single bit analog input value of VREF divided by 4096. 1 LSB = VREF ÷ 4096 The A/D Converter input voltage value can be calculated using the following equation: A/D input voltage = A/D output digital value × VREF ÷ 4096 The diagram shows the ideal transfer function between the analog input value and the digitised output alue for the A/D converter. Except for the digitised zero value, the subsequent digitised values will change at a point 0.5 LSB below where they would change without the offset, and the last full scale digitized value will change at a point 1.5 LSB below the VREF level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |