| Electronic Components Datasheet Search |
|
HT45F0057 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F0057 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 88 page ![]() Rev. 1.00 6 ��to�e� �0� �01� Rev. 1.00 � ��to�e� �0� �01� HT45F0057 Induction Cooker Flash MCU HT45F0057 Induction Cooker Flash MCU Pin Description Pin Name Function OPT I/T O/T Description PA0/�PAN PA0 C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. �PAN C� AN — �PA inve�ting input. PA1/�PA�/AN8 PA1 C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. �PA� C� — AN �PA output pin. AN8 ADCR PCRH AN — A/D Conve�te� analog input. PA�/CP0N/INT PA� C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. CP0N C� AN — Compa�ato� 0 inve�ting input pin. INT INTC0 ST — Exte�nal inte��upt input. PA3/CP0P/TMR0 PA3 C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. CP0P C� CMPSC AN — Compa�ato� 0 non-inve�ting input pin� Compa�ato� 1 inve�ting input pin o� Compa�ato� 3 inve�ting input pin. TMR0 — ST — Exte�nal Time� 0 �lo�k input. PA4/AN4 PA4 C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. AN4 ADCR PCRL AN — A/D Conve�te� analog input. PA5/CP1N/AN� PA5 C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. CP1N C� CMPSC AN — Compa�ato� 1 inve�ting input pin. AN� ADCR PCRL AN — A/D Conve�te� analog input. PA6/CP�N/AN6 PA6 C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. CP�N C� AN — Compa�ato� � inve�ting input pin. AN6 ADCR PCRL AN — A/D Conve�te� analog input. PA�/CP�P/AN5 PA� C� ST CM�S Gene�al pu�pose I/�. Pull-high and wake-up fun�tions are selected by configuration options. CP�P C� AN — Compa�ato� � non-inve�ting input pin. AN5 ADCR PCRL AN — A/D Conve�te� analog input. PB0/�CDSDA/ICPDA PB0 C� ST CM�S Gene�al pu�pose I/�. Pull-high fun�tion is sele�ted �y configuration options. �CDSDA — ST CM�S �CDS Add�ess/Data� fo� EV �hip only. ICPDA — ST CM�S ICP Data/Add�ess. PB1/PCK PB1 C� ST CM�S Gene�al pu�pose I/�. Pull-high fun�tion is sele�ted �y configuration options. PCK C� — CM�S PCK output. PB�/AN1/I�FF PB� C� ST CM�S Gene�al pu�pose I/�. Pull-high fun�tion is sele�ted �y configuration options. I�FF C� — CM�S I�FF output. AN1 ADCR PCRL AN — A/D Conve�te� analog input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |