Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM69 Datasheet(PDF) 110 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM69 Datasheet HTML 106Page - Texas Instruments AM69 Datasheet HTML 107Page - Texas Instruments AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments AM69 Datasheet HTML 110Page - Texas Instruments AM69 Datasheet HTML 111Page - Texas Instruments AM69 Datasheet HTML 112Page - Texas Instruments AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 312 page
background image
5.3.9.2 MCU Domain
Table 5-65. MCU_MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_MDIO0_MDC
O
MDIO Clock
A36
E12
MCU_MDIO0_MDIO
IO
MDIO Data
B35
F13
5.3.10 UFS
5.3.10.1 MAIN Domain
Table 5-66. UFS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UFS0_REF_CLK
I
UFS Reference Clock
AM7
AJ5
UFS0_RSTn
I
UFS Reset
AM8
AJ7
UFS0_RX_DN0
I
UFS Receive Data (negative)
AM4
AK5
UFS0_RX_DN1
I
UFS Receive Data (negative)
AM1
AL4
UFS0_RX_DP0
I
UFS Receive Data (positive)
AM5
AK6
UFS0_RX_DP1
I
UFS Receive Data (positive)
AM2
AL5
UFS0_TX_DN0
I
UFS Transmit Data (negative)
AL2
AN2
UFS0_TX_DN1
I
UFS Transmit Data (negative)
AN2
AM3
UFS0_TX_DP0
I
UFS Transmit Data (positive)
AL3
AN3
UFS0_TX_DP1
I
UFS Transmit Data (positive)
AN3
AM4
5.3.11 CPSW2G
5.3.11.1 MAIN Domain
Table 5-67. CPSW2G0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CLKOUT
IO
RMII Clock Output
AF34
U31
RGMII1_RXC
I
RGMII Receive Clock
AL33
P31
RGMII1_RX_CTL
I
RGMII Receive Control
AE34
M33
RGMII1_TXC
O
RGMII Transmit Clock
AL34
N31
RGMII1_TX_CTL
O
RGMII Transmit Control
AF35
P30
RGMII1_RD0
I
RGMII Receive Data 0
AC34
U32
RGMII1_RD1
I
RGMII Receive Data 1
AD34
M32
RGMII1_RD2
I
RGMII Receive Data 2
AJ36
L33
RGMII1_RD3
I
RGMII Receive Data 3
AF34
U31
RGMII1_TD0
O
RGMII Transmit Data 0
AE35
M31
RGMII1_TD1
O
RGMII Transmit Data 1
AC35
N30
RGMII1_TD2
O
RGMII Transmit Data 2
AG35
T33
RGMII1_TD3
O
RGMII Transmit Data 3
AH36
L32
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
AH36
L32
RMII1_RX_ER
I
RMII Receive Data Error
AF35
P30
RMII1_TX_EN
O
RMII Transmit Enable
AE34
M33
RMII1_RXD0
I
RMII Receive Data 0
AC35
N30
RMII1_RXD1
I
RMII Receive Data 1
AG35
T33
RMII1_TXD0
O
RMII Transmit Data 0
AD34
M32
RMII1_TXD1
O
RMII Transmit Data 1
AL33
P31
RMII_REF_CLK
I
RMII Reference Clock
AJ36
L33
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
110
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com