| Electronic Components Datasheet Search |
|
AM69 Datasheet(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 Datasheet(HTML) 113 Page - Texas Instruments |
|
113 / 312 page ![]() Table 5-75. EQEP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EQEP2_A I EQEP Quadrature Input A AK33 H33 EQEP2_B I EQEP Quadrature Input B AC37 J31 EQEP2_I IO EQEP Index AC36 K32 EQEP2_S IO EQEP Strobe AD37 P33 5.3.15 EPWM 5.3.15.1 MAIN Domain Table 5-76. EPWM Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EHRPWM_SOCA O EHRPWM Start of Conversion A AE37 G32 EHRPWM_SOCB O EHRPWM Start of Conversion B AD34 M32 EHRPWM_TZn_IN0 I EHRPWM Trip Zone Input 0 (active low) AJ38 F31 EHRPWM_TZn_IN1 I EHRPWM Trip Zone Input 1 (active low) AC32 G31 EHRPWM_TZn_IN2 I EHRPWM Trip Zone Input 2 (active low) AK35 J30 EHRPWM_TZn_IN3 I EHRPWM Trip Zone Input 3 (active low) AC35 N30 EHRPWM_TZn_IN4 I EHRPWM Trip Zone Input 4 (active low) AF36 K33 EHRPWM_TZn_IN5 I EHRPWM Trip Zone Input 5 (active low) AJ37 G33 Table 5-77. EPWM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EHRPWM0_A IO EHRPWM Output A AA32, AE38, AM37 E30, G29, Y33 EHRPWM0_B IO EHRPWM Output B AC38, AF38 F30, N33 EHRPWM0_SYNCI I Sync Input to EHRPWM module from an external pin AH38 H31 EHRPWM0_SYNCO O Sync Output to EHRPWM module to an external pin AG37 H32 Table 5-78. EPWM1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EHRPWM1_A IO EHRPWM Output A AA33, AE36, AP38 F28, R32, Y32 EHRPWM1_B IO EHRPWM Output B AB34, AC33 F29, G28 Table 5-79. EPWM2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EHRPWM2_A IO EHRPWM Output A AB36, AF37, AN38 E32, F32, V31 EHRPWM2_B IO EHRPWM Output B AB38, AK38 D33, K31 Table 5-80. EPWM3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EHRPWM3_A IO EHRPWM Output A AC38, AE35, AM35 F30, M31, V30 EHRPWM3_B IO EHRPWM Output B AF35 P30 EHRPWM3_SYNCI I Sync Input to EHRPWM module from an external pin AH36 L32 EHRPWM3_SYNCO O Sync Output to EHRPWM module to an external pin AG35 T33 www.ti.com AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 113 Product Folder Links: AM69A AM69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |