Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVT
Description  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV431ACDBVT Datasheet HTML 1Page - Texas Instruments TLV431ACDBVT Datasheet HTML 2Page - Texas Instruments TLV431ACDBVT Datasheet HTML 3Page - Texas Instruments TLV431ACDBVT Datasheet HTML 4Page - Texas Instruments TLV431ACDBVT Datasheet HTML 5Page - Texas Instruments TLV431ACDBVT Datasheet HTML 6Page - Texas Instruments TLV431ACDBVT Datasheet HTML 7Page - Texas Instruments TLV431ACDBVT Datasheet HTML 8Page - Texas Instruments TLV431ACDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
4 Pin Configuration and Functions
Figure 4-1. D (SOIC) Package
(Top View)
NC − No internal connection
* Pin 2 is attached to Substrate and must be
connected to ANODE or left open.
Figure 4-2. DBV (SOT-23-5) Package
(Top View)
Figure 4-3. DBZ (SOT-23-3) Package
(Top View)
Figure 4-4. PK (SOT-89) Package
(Top View)
*
*- Must be connected to ANODE or left open
Figure 4-5. DCK (SC-70) Package
(Top View)
Figure 4-6. LP (TO-92/TO-226) Package
(Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
DBV
PK
D
LP
DCK
CATHODE
2
3
3
1
1
1
I/O
Shunt Current/Voltage input
REF
1
4
1
8
3
3
I
Threshold relative to common
anode
ANODE
3
5
2
2, 3, 6, 7
2
6
O
Common pin, normally connected
to ground
NC
—
1
—
4, 5
—
4, 5
I
No Internal Connection
*
—
2
—
—
—
2
I
Substrate Connection. Must be
connected to ANODE or left
open.
www.ti.com
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com