Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVT
Description  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV431ACDBVT Datasheet HTML 16Page - Texas Instruments TLV431ACDBVT Datasheet HTML 17Page - Texas Instruments TLV431ACDBVT Datasheet HTML 18Page - Texas Instruments TLV431ACDBVT Datasheet HTML 19Page - Texas Instruments TLV431ACDBVT Datasheet HTML 20Page - Texas Instruments TLV431ACDBVT Datasheet HTML 21Page - Texas Instruments TLV431ACDBVT Datasheet HTML 22Page - Texas Instruments TLV431ACDBVT Datasheet HTML 23Page - Texas Instruments TLV431ACDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
8 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Figure 8-1 shows the TLV431, TLV431A, or TLV431B used in a 3.3V isolated flyback supply. Output voltage VO
can be as low as reference voltage VREF (1.24V ± 1%). The output of the regulator, plus the forward voltage drop
of the optocoupler LED (1.24 + 1.4 = 2.64V), determine the minimum voltage that can be regulated in an isolated
supply configuration. Regulated voltage as low as 2.7 Vdc is possible in the topology shown in Figure 8-1.
The 431 family of devices are prevalent in these applications, being designers go to choice for secondary side
regulation. Due to this prevalence, this section will further go on to explain operation and design in both states of
TLV431 that this application will see, open loop (Comparator + Vref) and closed loop (Shunt Regulator).
Further information about system stability and using a TLV431 device for compensation can be found in the
application note Compensation Design With TL431 for UCC28600 (SLUA671).
Figure 8-1. Flyback with Isolation Using TLV431, TLV431A, or TLV431B as Voltage Reference and Error
Amplifier
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com