Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVT
Description  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV431ACDBVT Datasheet HTML 17Page - Texas Instruments TLV431ACDBVT Datasheet HTML 18Page - Texas Instruments TLV431ACDBVT Datasheet HTML 19Page - Texas Instruments TLV431ACDBVT Datasheet HTML 20Page - Texas Instruments TLV431ACDBVT Datasheet HTML 21Page - Texas Instruments TLV431ACDBVT Datasheet HTML 22Page - Texas Instruments TLV431ACDBVT Datasheet HTML 23Page - Texas Instruments TLV431ACDBVT Datasheet HTML 24Page - Texas Instruments TLV431ACDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
8.2 Typical Applications
8.2.1 Comparator with Integrated Reference (Open Loop)
Figure 8-2. Comparator Application Schematic
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as the input parameters.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0V to 5V
Input Resistance
10kΩ
Supply Voltage
5V
Cathode Current (Ik)
500µA
Output Voltage Level
~1V - Vsup
Logic Input Thresholds VIH/VIL
VL
8.2.1.2 Detailed Design Procedure
When using TLV431 as a comparator with reference, determine the following:
• Input voltage range
• Reference voltage accuracy
• Output logic input high and low level thresholds
• Current source resistance
8.2.1.2.1 Basic Operation
In the configuration shown in Figure 8-2 TLV431 will behave as a comparator, comparing the Vref pin voltage
to the internal virtual reference voltage. When provided a proper cathode current (Ik), TLV431 will have enough
open-loop gain to provide a quick response. With the TLV431's maximum operating current (Imin(max)) being
100µA and up to 150µA over temperature, operation below that could result in low gain, leading to a slow
response.
8.2.1.2.2 Overdrive
Slow or inaccurate responses can also occur when the reference pin is not provided enough overdrive voltage.
This is the amount of voltage that is higher than the internal virtual reference. The internal virtual reference
voltage will be within the range of 1.24V ±(0.5%, 1.0%, or 1.5%) depending on which version is being used.
www.ti.com
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com