Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011H-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7135LB Series Layer 1 FPGA Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7135LB Series | Optics and Cables
Arista Optics and Cables
The 7135LB Series accepts a wide range of QSFP and SFP optics and cables. The QSFP ports of the 7135LB Series accept QSFP optics
and cables configured at 100GE, 4x 25GE, 40GE and 4x 10GE speeds, while the SFP28 ports accept SFP optics and cables configured at
25GE and 10GE speeds. More information about Arista optics and cables can be found here.
Arista’s Enhanced Performance (E-Series) QSFP and SFP optical transceivers, such as the QSFP-100G-SR4-E, SFP-25G-SR-E and SFP-25G-
LR-E enable 100G and 25GE operation without requiring FEC, eliminating the FEC delay usually present in 100GE and 25GE optical
links. Apart from Arista’s E-Series optical transceivers, 100GBASE-LR4 and certain copper cables, all 100GE and 25GE links require FEC,
while all 10GE and lower data rates do not use FEC.
The table below summarizes the most commonly used optics and cables in the 7135LB platforms. For more details about Arista’s
pluggable optics and cables, refer to the Optics Modules and Cables Data sheet, the Arista Transceiver and Cable Guide, and Arista’s
Enhanced Performance Series Optics Q&A.
Supported 100G QSFP Optics and Cables
Application / Interface Type
Supported Optics and Cables
Description and Reach
100GBASE-CR4
CAB-Q-Q-100G-xM
QSFP to QSFP Copper Cables: 1m to 5m
4x 25GBASE-CR
CAB-Q-4S-100G-xM
QSFP to 4x SFP Breakout Copper Cables: 1m to 5m
QSFP port configured for 4x 25GE,
SFP breakout ports configured for 25GE
CAB-Q-Q-100G-xM
QSFP to QSFP Copper Cables: 1m to 5m
QSFP ports configured for 4x 25GE
100GBASE-AOC
AOC-Q-Q-100G-xM
100G QSFP to QSFP Active Optical Cables: 1m to 30m
100GBASE-SR4-E
QSFP-100G-SR4-E
(E-Series Transceiver for low latency)
30m OM3 / 50m OM4 Parallel MMF without FEC (for low latency), or
70m OM3 / 100m OM4 Parallel MMF with FEC
4x 25GBASE-SR-E
QSFP-100G-SR4-E
(E-Series Transceiver for low latency)
QSFP-100G-SR4-E Transceiver configured as 4x 25GE
30m OM3 / 50m OM4 Parallel MMF without FEC (for low latency), or
70m OM3 / 100m OM4 Parallel MMF with FEC
100GBASE-SR4
QSFP-100G-SR4
70m OM3 / 100m OM4 Parallel MMF
4x 25GBASE-SR
QSFP-100G-SR4
QSFP-100G-SR4 Transceiver configured as 4x 25GE
70m OM3 / 100m OM4 Parallel MMF
100GBASE-SRBD / SWDM4
QSFP-100G-SRBD / SWDM4
70m OM3 / 100m OM4 duplexMMF
100GBASE-PSM4 / PLRL4
QSFP-100G-PSM4 / PLRL4
500m / 2km over Parallel MMF
4x 25GBASE-LR
QSFP-100G-PSM4 / PLRL4
QSFP-100G-PSM4 / PLRL4 Transceiver configured as 4x 25GE
500m / 2km over Parallel MMF
100GBASE-LR4
QSFP-100G-LR4
10km over duplex SMF without FEC
100GBASE-LRL4
QSFP-100G-LRL4
2km over duplex SMF
100GBASE-CWDM4 / XCWDM4
QSFP-100G-CWDM4 / XCWDM4
2km / 10km over duplex SMF
100GBASE-DR / FR / LR
QSFP-100G-DR / FR / LR
500m / 2km / 10km over duplex SMF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com