Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011H-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7135LB Series Layer 1 FPGA Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7135LB Series | Ordering Information
Product Number
Product Description
DCS-7135LB-48Y4C#
Arista 7135 Series with 48 SFP28, 4 QSFP28, Layer 1 X-point, VU9P-3 FPGA, configurable fans & psu
DCS-7135LB-48Y4C-F
Arista 7135 Series with 48 SFP28, 4 QSFP28, Layer 1 X-point, VU9P-3 FPGA, front-to-rear air, 2xAC
DCS-7135LB-48Y4C-R
Arista 7135 Series with 48 SFP28, 4 QSFP28, Layer 1 X-point, VU9P-3 FPGA, rear-to-front air, 2xAC
FAN-7011H-F
Spare fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear airflow)
FAN-7011H-F#
Configurable fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear airflow)
FAN-7011H-R
Spare fan module for Arista 7000 Series 1RU High Speed Fan (rear-to-front airflow)
FAN-7011H-R#
Configurable fan module for Arista 7000 Series 1RU High Speed Fan (rear-to-front airflow)
PWR-1511-AC-RED
Arista PSU, 1RU, AC, 1500W, FORWARD, 73.5MM
PWR-1511-AC-RED#
Configurable PSU, 1RU, AC, 1500W, FORWARD, 73.5MM
PWR-1511-AC-BLUE
Arista PSU, 1RU, AC, 1500W, REVERSE, 73.5MM
PWR-1511-AC-BLUE#
Configurable PSU, 1RU, AC, 1500W, REVERSE, 73.5MM
PWR-1512-AC-RED
Arista PSU, 1RU, AC, 1500W, FORWARD, 73.5MM
PWR-1512-AC-RED#
Configurable PSU, 1RU, AC, 1500W, FORWARD, 73.5MM
PWR-1512-AC-BLUE
Arista PSU, 1RU, AC, 1500W, REVERSE, 73.5MM
PWR-1512-AC-BLUE#
Configurable PSU, 1RU, AC, 1500W, REVERSE, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-RED#
Configurable PSU, 1RU, DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-BLUE
Arista PSU, 1RU, DC, 1500W, REVERSE, 73.5MM
PWR-1511-DC-BLUE#
Configurable PSU, 1RU, DC, 1500W, REVERSE, 73.5MM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com