Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011H-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7135LB Series Layer 1 FPGA Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7135LB Series | Optics and Cables
Supported 40G QSFP Optics and Cables
Application / Interface Type
Supported Optics and Cables
Description and Reach
40GBASE-CR4
CAB-Q-Q-xM
QSFP to QSFP Copper Cables: 0.5m to 5m
4x 10GBASE-CR
CAB-Q-S-xM
QSFP to 4x SFP Breakout Copper Cables: 0.5m to 5m
QSFP port configured for 4x 10GE
SFP breakout ports configured for 10GE
CAB-Q-Q-xM
QSFP to QSFP Copper Cables: 1m to 5m
QSFP ports configured for 4x 10GE
40GBASE-AOC
AOC-Q-Q-40G-xM
100G QSFP to QSFP Active Optical Cables: 3m to 100m
40GBASE-SR4
QSFP-40G-SR4
100m OM3 / 150m OM4 Parallel MMF
4x 10GBASE-SR
QSFP-40G-SR4
QSFP-40G-SR4 Transceiver configured as 4x 105GE
100m OM3 / 150m OM4 Parallel MMF
40GBASE-SRBD
QSFP-40G-SRBD
100m OM3 / 150m OM4 duplex MMF
40GBASE-UNIV
QSFP-40G-UNIV
100m OM3 / 150m OM4 duplex MMF or 500m duplex SMF
40GBASE-PLR4 / PLRL4
QSFP-40G-PLR4 / PLRL4
10km / 1km over Parallel MMF
4x 10GBASE-LR
QSFP-40G-PLR4 / PLRL4
QSFP-40-PLR4 / PLRL4 Transceiver configured as 4x 10GE
10km / 1km over Parallel MMF
40GBASE-LR4 / LRL4
QSFP-40G-LR4 / LRL4
10km / 1km over duplex SMF
Supported 25G SFP Optics and Cables
Application / Interface Type
Supported Optics and Cables
Description and Reach
25GBASE-CR
CAB-S-S-25G-xM
SFP to SFP Copper Cables: 1m to 5m
25GBASE-AOC
AOC-S-S-25G-xM
25G SFP to SFP Active Optical Cables: 3m to 30m
25GBASE-SR-E
SFP-25G-SR-E
(E-Series Transceiver for low latency)
30m OM3 / 50m OM4 duplex MMF without FEC (for low latency), or
70m OM3 / 100m OM4 duplex MMF with FEC
25GBASE-SR
SFP-25G-SR / SFP-25G-MR-SR
70m OM3 / 100m OM4 duplex MMF
25GBASE-XSR
SFP-25G-MR-XSR
200m OM3 / 300 OM4 duplex MMF
25GBASE-LR-E
SFP-25G-LR-E
(E-Series Transceiver for low latency)
2km duplex SMF without FEC (for low latency), or
10km duplex SMF with FEC
25GBASE-LR
SFP-25G-LR / SFP-25G-MR-LR
10km duplex SMF with FEC
Supported 10G Optics and Cables
Application / Interface Type
Supported Optics and Cables
Description and Reach
10GBASE-CR
CAB-SFP-SFP-xM
SFP to SFP Copper Cables: 0.5m to 5m
10GBASE-AOC
AOC-S-S-10G-xM
10 SFP to SFP Active Optical Cables: 3m to 30m
10GBASE-SR
SFP-10G-SR
300m OM3 / 400m OM4 duplex MMF
10GBASE-SRL
SFP-10G-SRL
100m OM3 / 150m OM4 duplex MMF
10GBASE-LR / LRL
SFP-10G-LR / LRL
10km / 1km duplex SMF
10GBASE-T
SFP-10G-T
30m Cat6a copper cable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com