Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011H-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7135LB Series Layer 1 FPGA Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  FAN-7011H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Arista 7135 Applications
Arista offers several powerful network applications to transform network infrastructure. These applications enable a complete lifecycle
of networking functions, such as packet replication, multiplexing, filtering, timestamping, Layer 2 switching, aggregation and capture.
Arista also provides FPGA development kits as well as IP cores to enable organizations to develop and deploy their your own custom
applications.
Application
Overview
Key Features
Use it for...
MetaWatch
Advanced
network
monitoring
• Regenerative Tapping
• Large scale, lossless tap aggregation
• Multi-port data capture
• Sub-nanosecond precise time stamping
• Deep buffering (32 GB)
• In-depth network monitoring and visibility
• Improved network reliability & troubleshooting
problems
• Market data & packet capture
• Accurate latency measurement & monitoring
• Regulatory compliance (MiFID II/RTS 25)
MetaMux
Low-latency
multiplexing
• Data aggregation in 39 nanoseconds
• Deterministic jitter
• Packet statistics
• BGP & PIM support
• Ultra-low latency network connectivity for
trading
• Market data fan-out and data aggregation for
order entry at nanosecond levels
MultiAccess
Connection
sharing with
enhanced
security
• Low-latency multiplexing and security
from 55 nanoseconds
• ACL-based configurable filtering
• Easy to deploy data privacy for
connection sharing
• Simplified footprint for both mux and
filtering applications
• Secure network connection sharing
• Providing sponsored access to multiple clients
• Multi tenant exchange access
• Low latency interconnect sharing
• Supporting Colo deployments with multiple
concurrent exchange connections
SwitchApp
Low latency
Layer 2 /Layer 3
switching
• 10/25/40G Layer 2 switching,
implemented in FPGA
• Ultra-low latency packet forwarding in
89 -150 ns
• Full featured L2/L3 switching pipeline
powered by EOS
• Non-blocking bandwidth profiles to
provide up to 480 Gbps for 10G and
600Gbps for 25G
• Exchange-facing connectivity
• L2/L3 Multicast pub/sub
• Supporting Colo deployments with multiple
concurrent connections
• Optimised distribution of traffic
• Low latency back-office or message bus
infrastructure
7135LB Series | Applications
Application Comparison for Arista 7135LB Series



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com