Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 40 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM67 Datasheet HTML 36Page - Texas Instruments AM67 Datasheet HTML 37Page - Texas Instruments AM67 Datasheet HTML 38Page - Texas Instruments AM67 Datasheet HTML 39Page - Texas Instruments AM67 Datasheet HTML 40Page - Texas Instruments AM67 Datasheet HTML 41Page - Texas Instruments AM67 Datasheet HTML 42Page - Texas Instruments AM67 Datasheet HTML 43Page - Texas Instruments AM67 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
W7
USB0_VBUS
USB0_VBUS
A
1.8 V/3.3 V
VDDA_1P8_USB0,
VDDA_3P3_USB0
USB2PHY
E17
USB1_DM
USB1_DM
IO
1.8 V/3.3 V
VDDA_1P8_USB1,
VDDA_3P3_USB1
USB2PHY
D17
USB1_DP
USB1_DP
IO
1.8 V/3.3 V
VDDA_1P8_USB1,
VDDA_3P3_USB1
USB2PHY
B27
USB1_DRVVBUS
PADCONFIG
PADCONFIG150
0x000F4258
USB1_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_51
7
IO
pad
E18
USB1_RCALIB
USB1_RCALIB
A
1.8 V/3.3 V
VDDA_1P8_USB1,
VDDA_3P3_USB1
USB2PHY
F18
USB1_VBUS
USB1_VBUS
A
1.8 V/3.3 V
VDDA_1P8_USB1,
VDDA_3P3_USB1
USB2PHY
H12, H13
VDDA_0P85_SERDES
VDDA_0P85_SERDES
PWR
J13
VDDA_0P85_SERDES_C
VDDA_0P85_SERDES_C
PWR
W9
VDDA_0P85_DLL_MMC0
VDDA_0P85_DLL_MMC0
PWR
W13, W16,
Y13
VDDA_1P8_CSI_DSI
VDDA_1P8_CSI_DSI
PWR
G13
VDDA_1P8_SERDES
VDDA_1P8_SERDES
PWR
W18, Y19
VDDA_1P8_OLDI0
VDDA_1P8_OLDI0
PWR
Y12
VDDA_1P8_USB0
VDDA_1P8_USB0
PWR
H16
VDDA_1P8_USB1
VDDA_1P8_USB1
PWR
Y11
VDDA_3P3_USB0
VDDA_3P3_USB0
PWR
G15
VDDA_3P3_USB1
VDDA_3P3_USB1
PWR
W15, Y15
VDDA_CORE_CSI_DSI
VDDA_CORE_CSI_DSI
PWR
Y16
VDDA_CORE_CSI_DSI_CLK
VDDA_CORE_CSI_DSI_CLK
PWR
W11
VDDA_CORE_USB0
VDDA_CORE_USB0
PWR
H15
VDDA_CORE_USB1
VDDA_CORE_USB1
PWR
P9
VDDA_DDR_PLL0
VDDA_DDR_PLL0
PWR
G11, H11
VDDA_MCU
VDDA_MCU
PWR
L15
VDDA_PLL0
VDDA_PLL0
PWR
K10
VDDA_PLL1
VDDA_PLL1
PWR
M12
VDDA_PLL2
VDDA_PLL2
PWR
R11
VDDA_PLL3
VDDA_PLL3
PWR
V18
VDDA_PLL4
VDDA_PLL4
PWR
P16
VDDA_PLL5
VDDA_PLL5
PWR
Y17
VDDA_TEMP0
VDDA_TEMP0
PWR
T11
VDDA_TEMP1
VDDA_TEMP1
PWR
L9
VDDA_TEMP2
VDDA_TEMP2
PWR
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com