Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 63 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM67 Datasheet HTML 59Page - Texas Instruments AM67 Datasheet HTML 60Page - Texas Instruments AM67 Datasheet HTML 61Page - Texas Instruments AM67 Datasheet HTML 62Page - Texas Instruments AM67 Datasheet HTML 63Page - Texas Instruments AM67 Datasheet HTML 64Page - Texas Instruments AM67 Datasheet HTML 65Page - Texas Instruments AM67 Datasheet HTML 66Page - Texas Instruments AM67 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 237 page
background image
Table 5-29. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
GPMC0_AD8
IO
GPMC Data 8 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
U27
GPMC0_AD9
IO
GPMC Data 9 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
U26
GPMC0_AD10
IO
GPMC Data 10 Input/Output in A/D non-multiplexed
mode and additionally Address 11 Output in A/D
multiplexed mode
V27
GPMC0_AD11
IO
GPMC Data 11 Input/Output in A/D non-multiplexed
mode and additionally Address 12 Output in A/D
multiplexed mode
V25
GPMC0_AD12
IO
GPMC Data 12 Input/Output in A/D non-multiplexed
mode and additionally Address 13 Output in A/D
multiplexed mode
V26
GPMC0_AD13
IO
GPMC Data 13 Input/Output in A/D non-multiplexed
mode and additionally Address 14 Output in A/D
multiplexed mode
V24
GPMC0_AD14
IO
GPMC Data 14 Input/Output in A/D non-multiplexed
mode and additionally Address 15 Output in A/D
multiplexed mode
V22
GPMC0_AD15
IO
GPMC Data 15 Input/Output in A/D non-multiplexed
mode and additionally Address 16 Output in A/D
multiplexed mode
V23
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active low) or Command
Latch Enable
P27
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active low)
P26
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
R27
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
P21
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
P22
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
P23
GPMC0_WAIT0
I
GPMC External Indication of Wait
V21
GPMC0_WAIT1
I
GPMC External Indication of Wait
W26
5.3.13 I2C
5.3.13.1 MAIN Domain
Table 5-30. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
I2C0_SCL
IOD
I2C Clock
D23
I2C0_SDA
IOD
I2C Data
B22
Table 5-31. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
I2C1_SCL
IOD
I2C Clock
C24
I2C1_SDA
IOD
I2C Data
A22
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com