Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 41 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AM67 Datasheet HTML 37Page - Texas Instruments AM67 Datasheet HTML 38Page - Texas Instruments AM67 Datasheet HTML 39Page - Texas Instruments AM67 Datasheet HTML 40Page - Texas Instruments AM67 Datasheet HTML 41Page - Texas Instruments AM67 Datasheet HTML 42Page - Texas Instruments AM67 Datasheet HTML 43Page - Texas Instruments AM67 Datasheet HTML 44Page - Texas Instruments AM67 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
M13, M19,
N13, N19,
U10, U17,
V10, V17
VDDR_CORE
VDDR_CORE
PWR
G18, H18
VDDSHV0
VDDSHV0
PWR
K20, L20
VDDSHV1
VDDSHV1
PWR
T19, T20
VDDSHV2
VDDSHV2
PWR
M20, P20,
R20
VDDSHV3
VDDSHV3
PWR
H19
VDDSHV5
VDDSHV5
PWR
J21
VDDSHV6
VDDSHV6
PWR
H9
VDDSHV_CANUART
VDDSHV_CANUART
PWR
H10
VDDSHV_MCU
VDDSHV_MCU
PWR
AB1, D1, L7,
L8, N7, N8,
T7, T8
VDDS_DDR
VDDS_DDR
PWR
P8
VDDS_DDR_C
VDDS_DDR_C
PWR
Y9
VDDS_MMC0
VDDS_MMC0
PWR
K8
VDDS_OSC0
VDDS_OSC0
PWR
J8
VDD_CANUART
VDD_CANUART
PWR
J11, J14, J16,
J18, K11,
K12, K14,
K16, K18, K9,
L12, L17,
M10, M15,
M17, M9,
N10, N11,
N14, N16,
N18, P11,
P12, P14,
P18, R12,
R13, R15,
R17, R9, T13,
T15, T17, T9,
U12, U14,
U16, U8,
V12, V14,
V16, V19, V8,
W19, Y20,
Y21
VDD_CORE
VDD_CORE
PWR
W10
VDD_MMC0
VDD_MMC0
PWR
J7
VMON_1P8_SOC
VMON_1P8_SOC
A
K7
VMON_3P3_SOC
VMON_3P3_SOC
A
G7
VMON_ER_VSYS
VMON_ER_VSYS
A
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com