Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 80 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM67 Datasheet HTML 76Page - Texas Instruments AM67 Datasheet HTML 77Page - Texas Instruments AM67 Datasheet HTML 78Page - Texas Instruments AM67 Datasheet HTML 79Page - Texas Instruments AM67 Datasheet HTML 80Page - Texas Instruments AM67 Datasheet HTML 81Page - Texas Instruments AM67 Datasheet HTML 82Page - Texas Instruments AM67 Datasheet HTML 83Page - Texas Instruments AM67 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 237 page
background image
Table 5-83. Connectivity Requirements (continued)
AMW
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENTS
C9
F9
D10
E26
E8
B23
B13
E11
B9
D11
F1
J1
U1
T1
EMU0
EMU1
MCU_RESETz
RESET_REQz
MCU_PORz
EXTINTN
MCU_I2C0_SCL
MCU_I2C0_SDA
WKUP_I2C0_SCL
WKUP_I2C0_SDA
DDR0_DQS0_n
DDR0_DQS1_n
DDR0_DQS2_n
DDR0_DQS3_n
Each of these balls must be connected to the corresponding power supply(1)
through separate external pull resistors to ensure the inputs associated with
these balls are held to a valid logic-high level, if unused.
R22
R23
R26
T27
T25
T24
T21
T22
U27
U26
V27
V25
V26
V24
V22
V23
GPMC0_AD0
GPMC0_AD1
GPMC0_AD2
GPMC0_AD3
GPMC0_AD4
GPMC0_AD5
GPMC0_AD6
GPMC0_AD7
GPMC0_AD8
GPMC0_AD9
GPMC0_AD10
GPMC0_AD11
GPMC0_AD12
GPMC0_AD13
GPMC0_AD14
GPMC0_AD15
Each of these balls must be connected to the corresponding power supply(1)
or VSS through separate external pull resistors to ensure the inputs associated
with these balls are held to a valid logic-high or logic-low level as appropriate to
select the desired device boot mode.
E1
H1
T1
W1
G7
J7
K7
A3
DDR0_DQS0
DDR0_DQS1
DDR0_DQS2
DDR0_DQS3
VMON_ER_VSYS
VMON_1P8_SOC
VMON_3P3_SOC
WKUP_LFOSC0_XI
Each of these balls must be connected to VSS through separate external pull
resistors to ensure these balls are held to a valid logic-low level, if unused.
E15
F14
AB8
AA10
AB14
AB15
AA16
AA8
E18
SERDES0_REXT
SERDES1_REXT
CSI0_RXRCALIB
CSI1_RXRCALIB
CSI2_RXRCALIB
CSI3_RXRCALIB
DSI0_TXRCALIB
USB0_RCALIB
USB1_RCALIB
Each of these balls must be connected to VSS through an appropriate external
pull resistor to ensure these balls are held to a valid logic-low level, if unused.
Refer to Signal Descriptions footnote for appropriate value of pull resistor for
each signal.
G9
AC1
VPP
MMC0_CALPAD
Each of these balls must be left unconnected, if unused.
(1)
To determine which power supply is associated with any IO, see the POWER column of the Pin Attributes table.
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com