Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS176ADE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75ALS176ADE4
Description  DIFFERENTIAL BUS TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176ADE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS176ADE4 Datasheet HTML 4Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 5Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 6Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 7Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 8Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 9Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 10Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 11Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040H – AUGUST 1987 – REVISED JUNE 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted)
SN65ALS176
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tpd
Propagation time
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
25
ns
tsk(p)
Pulse skew§
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
0
2
ns
tsk(lim)
Pulse skew¶
RL = 54 Ω,
See Figure 3
CL = 50 pF,
15
ns
tPZH
Output enable time to high level
CL = 15 pF,
See Figure 8
11
18
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 8
11
18
ns
tPHZ
Output disable time from high level
CL = 15 pF,
See Figure 8
50
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 8
30
ns
† All typical values are at VCC = 5 V, TA = 25°C.
§ Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
¶ Skew limit is the maximum difference in propagation delay times between any two channels of any two devices.
SN75ALS176, SN75ALS176A, SN75ALS176B
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
’ALS176
V
1 5Vt 1 5 V
C15 F
9
14
19
tpd
Propagation time
’ALS176A
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
10.5
14
18
ns
’ALS176B
See Figure 7
11.5
13
16.5
tsk(p)
Pulse skew‡
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
0
2
ns
§
’ALS176
R54
Ω
C50 F
10
tsk(lim)
Pulse skew§
’ALS176A
RL = 54 Ω,
See Figure 3
CL = 50 pF,
7.5
ns
()
’ALS176B
See Figure 3
5
tPZH
Output enable time to high level
CL = 15 pF,
See Figure 8
7
14
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 8
20
35
ns
tPHZ
Output disable time from high level
CL = 15 pF,
See Figure 8
20
35
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 8
8
17
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
§ Skew limit is the maximum difference in propagation delay times between any two channels of any two devices.
PARAMETER MEASUREMENT INFORMATION
VOD2
VOC
RL
2
RL
2
Figure 1. Driver VOD2 and VOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com