Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS176ADE4 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75ALS176ADE4
Description  DIFFERENTIAL BUS TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176ADE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75ALS176ADE4 Datasheet HTML 9Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 10Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 11Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 12Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 13Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 14Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 15Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 16Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040H – AUGUST 1987 – REVISED JUNE 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER TYPICAL CHARACTERISTICS†
Figure 12
2
1
0
0
–10
–20
–30
3
4
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
–40
–50
VCC = 5.25 V
VCC = 5 V
IOH – High-Level Output Current – mA
VID = 0.3 V
TA = 25°C
4.5
3.5
2.5
1.5
0.5
–5
–15
–25
–35
–45
VCC = 4.75 V
Figure 13
2
0
–40
–20
0
20
40
60
80
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
100
120
4
3
1
TA – Free-Air Temperature – °C
VCC = 5 V
VID = 300 mV
IOH = –440 µA
4.5
3.5
2.5
1.5
0.5
0.3
0.2
0.1
0
05
10
0.4
0.5
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.6
15
20
25
30
IOL – Low-Level Output Current – mA
VCC = 5 V
TA = 25°C
VID = –300 mV
Figure 14
Figure 15
0.3
0.2
0.1
0
–40
–20
0
20
40
60
0.4
0.5
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
0.6
80
100
120
TA – Free-Air Temperature – °C
VCC = 5 V
VID = – 300 mA
IOL = 8 mA
† Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com