Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS176ADE4 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN75ALS176ADE4
Description  DIFFERENTIAL BUS TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176ADE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75ALS176ADE4 Datasheet HTML 8Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 9Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 10Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 11Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 12Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 13Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 14Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 15Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040H – AUGUST 1987 – REVISED JUNE 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 9
2.5
1.5
1
0
0
–20
–40
–60
3.5
4
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
–80
–100
–120
IOH – High-Level Output Current – mA
4.5
3
2
0.5
VCC = 5 V
TA = 25°C
Figure 10
2.5
1.5
1
0
020
40
60
3.5
4
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
5
80
100
120
IOL – Low-Level Output Current – mA
4.5
3
2
0.5
VCC = 5 V
TA = 25°C
2
1.5
0.5
0
010
20
30
40
50
60
2.5
3.5
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
4
70
80
90
100
1
3
VCC = 5 V
TA = 25°C
IO – Output Current – mA
Figure 11
† Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com