Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS176ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75ALS176ADE4
Description  DIFFERENTIAL BUS TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS176ADE4 Datasheet HTML 1Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 2Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 3Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 4Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 5Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 6Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 7Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 8Page - Texas Instruments SN75ALS176ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040H – AUGUST 1987 – REVISED JUNE 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of
TIA/EIA-422-B, TIA/EIA-485-A† and ITU
Recommendations V.11 and X.27
D Operate at Data Rates up to 35 Mbaud
D Four Skew Limits Available:
SN65ALS176 . . . 15 ns
SN75ALS176 . . . 10 ns
SN75ALS176A . . . 7.5 ns
SN75ALS176B ...5 ns
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Low Supply-Current Requirements
. . . 30 mA Max
D Wide Positive and Negative Input/Output
Bus-Voltage Ranges
D Thermal Shutdown Protection
D Driver Positive and Negative Current
Limiting
D Receiver Input Hysteresis
D Glitch-Free Power-Up and Power-Down
Protection
D Receiver Open-Circuit Fail-Safe Design
description
The SN65ALS176 and SN75ALS176 series differential bus transceivers are designed for bidirectional data
communication on multipoint bus transmission lines. They are designed for balanced transmission lines and
meet TIA/EIA-422-B, TIA/EIA-485-A, and ITU Recommendations V.11 and X.27.
The SN65ALS176 and SN75ALS176 series combine a 3-state, differential line driver and a differential input line
receiver, both of which operate from a single 5-V power supply. The driver and receiver have active-high and
active-low enables, respectively, that can be connected together externally to function as a direction control.
The driver differential outputs and the receiver differential inputs are connected internally to form a differential
input/output (I/O) bus port that is designed to offer minimum loading to the bus when the driver is disabled or
VCC = 0. This port features wide positive and negative common-mode voltage ranges, making the device
suitable for party-line applications.
The SN65ALS176 is characterized for operation from –40
°C to 85°C. The SN75ALS176 series is characterized
for operation from 0
°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)
† These devices meet or exceed the requirements of TIA/EIA-485-A, except for the Generator Contention Test (para. 3.4.2) and the Generator
Current Limit (para. 3.4.3). The applied test voltage ranges are –6 V to 8 V for the SN75ALS176, SN75ALS176A, and SN75ALS176B and
–4 V to 8 V for the SN65ALS180.


Similar Part No. - SN75ALS176ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS176ADE4 TI-SN75ALS176ADE4 Datasheet
320Kb / 19P
DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176ADE4 TI-SN75ALS176ADE4 Datasheet
802Kb / 29P
DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS176ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI1-SN55LBC176_16 Datasheet
1,007Kb / 26P
DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com