Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2116X Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV2116X
Description  8-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2116X Datasheet(HTML) 1 Page - Supertex, Inc

  HV2116X Datasheet HTML 1Page - Supertex, Inc HV2116X Datasheet HTML 2Page - Supertex, Inc HV2116X Datasheet HTML 3Page - Supertex, Inc HV2116X Datasheet HTML 4Page - Supertex, Inc HV2116X Datasheet HTML 5Page - Supertex, Inc HV2116X Datasheet HTML 6Page - Supertex, Inc HV2116X Datasheet HTML 7Page - Supertex, Inc HV2116X Datasheet HTML 8Page - Supertex, Inc HV2116X Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
13-57
13
13
VPP – VNN
160V
HV2116PJ
HV2116X
HV2116
8-Channel High Voltage Analog Switch
Package Options
Ordering Information
28-lead plastic
Die
chip carrier
Features
■
■ HVCMOS® technology for high performance
■
■ Very low quiescent power dissipation – 10µA
■
■ Output On-resistance typically 22 ohms
■
■ Low parasitic capacitances
■
■ DC to 10MHz analog signal frequency
■
■ -50dB typical output off isolation at 5MHz
■
■ CMOS logic circuitry for low power
■
■ Excellent noise immunity
■
■ On-chip shift register, and latch logic circuitry
■
■ Flexible high voltage supplies
■
■ Surface mount package available
General Description
Not recommended for new designs. Please use HV202
instead.
This device is an 8-channel high-voltage analog switch integrated
circuit (IC) intended for use in applications requiring high voltage
switching controlled by low voltage control signals, such as ultra-
sound imaging and printers. Input data is shifted into an 8-bit shift
register which can then be retained in an 8-bit latch. To reduce
any possible clock feedthrough noise, Latch Enable (LE) should
be left high until all bits are clocked in. Using HVCMOS technol-
ogy, this switch combines high voltage bilateral DMOS switches
and low power CMOS logic to provide efficient control of high
voltage analog signals.
This IC is suitable for various combinations of high voltage sup-
plies, e.g., for HV2116 +40V/-120V, or +80V/-80V or +150V/-10V.
Absolute Maximum Ratings*
VDDlogic power supply voltage
-0.5V to +18V
V
PP - VNN supply voltage
174V
V
PP positive high voltage supply
-0.5V to +160V
VNN Negative high voltage supply
+0.5V to -160V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to +150°C
Power dissipation
1.2W
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
– OBSOLETE
–


Similar Part No. - HV2116X

ManufacturerPart #DatasheetDescription
logo
Superior Sensors Techno...
HV210 SUPERIOR-SENSORS-HV210 Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02 SUPERIOR-SENSORS-HV210-SM02 Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02-C SUPERIOR-SENSORS-HV210-SM02-C Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02-M SUPERIOR-SENSORS-HV210-SM02-M Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
HV210-SM02-Q SUPERIOR-SENSORS-HV210-SM02-Q Datasheet
568Kb / 17P
Differential Low Pressure Sensors HVAC Applications
9/27/2021 Rev G
More results

Similar Description - HV2116X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV1816 SUTEX-HV1816 Datasheet
34Kb / 6P
8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com