Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2116X Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV2116X
Description  8-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2116X Datasheet(HTML) 6 Page - Supertex, Inc

  HV2116X Datasheet HTML 1Page - Supertex, Inc HV2116X Datasheet HTML 2Page - Supertex, Inc HV2116X Datasheet HTML 3Page - Supertex, Inc HV2116X Datasheet HTML 4Page - Supertex, Inc HV2116X Datasheet HTML 5Page - Supertex, Inc HV2116X Datasheet HTML 6Page - Supertex, Inc HV2116X Datasheet HTML 7Page - Supertex, Inc HV2116X Datasheet HTML 8Page - Supertex, Inc HV2116X Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
13-62
HV2116
D
LE
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
VNN VPP
VDD
DOUT
CLK
DIN
8 BIT
SHIFT
REGISTER
LATCHES
LEVEL
SHIFTERS
OUTPUT
SWITCHES
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
LE
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
(TYP)
VOUT
50%
50%
50%
50%
tWLE
tSD
t SU
th
50%
50%
tOFF
50%
tDO
tON
DN – 1
DN
DN + 1
90%
10%
Logic Diagram
Logic Timing Waveforms
– OBSOLETE
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com