Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2116X Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV2116X
Description  8-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2116X Datasheet(HTML) 3 Page - Supertex, Inc

  HV2116X Datasheet HTML 1Page - Supertex, Inc HV2116X Datasheet HTML 2Page - Supertex, Inc HV2116X Datasheet HTML 3Page - Supertex, Inc HV2116X Datasheet HTML 4Page - Supertex, Inc HV2116X Datasheet HTML 5Page - Supertex, Inc HV2116X Datasheet HTML 6Page - Supertex, Inc HV2116X Datasheet HTML 7Page - Supertex, Inc HV2116X Datasheet HTML 8Page - Supertex, Inc HV2116X Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
13-59
13
13
HV2116
0
°C
+25
°C
+70
°C
Characteristics
Sym
min
max
min
typ
max
min
max
Units
Test Conditions
Time to Turn Off VSIG*tSIG(OFF)
200
ns
Set Up Time Before LE Rises
tSD
150
150
150
ns
Time Width of LE
t
WLE
150
150
150
ns
Clock Delay Time to Data Out
tDO
300
150
330
350
ns
Set Up Time Data to Clock
tSU
15
15
8.0
20
ns
Hold Time Data from Clock
t
h
35
35
35
ns
Clock Freq
fCLK
3.0
3.0
3.0
MHz
50% duty cycle
f
DATA = fCLK/2
Turn On Time
2.0
2.0
2.0
µsVSIG = VPP -10V,
R
L = 10KΩ
Turn Off Time
3.0
3.0
3.0
µsVSIG = VPP -10V,
R
L = 10KΩ
10
10
10
VPP = 150V,
V
NN = -10V
Maximum VSIG Slew Rate
dv/dt
10
10
10
V/ns
VPP = 80V,
V
NN = -80V
10
10
10
VPP = 40V,
V
NN = -120V
Off Isolation
KO
-30
-30
-33
-30
dB
f = 5MHz,
1KΩ//15pF load
-45
-45
-50
-45
dB
f = 5MHz,
50Ω load
Switch Crosstalk
KCR
-60
-60
-70
-60
dB
f = 5MHz,
50Ω load
Output Switch Isolation
IID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
CSG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
C
SG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
*Time required for analog signal to turn off before output switch turns off (critical timing).
AC Characteristics (over operating conditions V
DD = 15V, unless otherwise noted)
Electrical Characteristics
– OBSOLETE
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com