Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2116X Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2116X
Description  8-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2116X Datasheet(HTML) 4 Page - Supertex, Inc

  HV2116X Datasheet HTML 1Page - Supertex, Inc HV2116X Datasheet HTML 2Page - Supertex, Inc HV2116X Datasheet HTML 3Page - Supertex, Inc HV2116X Datasheet HTML 4Page - Supertex, Inc HV2116X Datasheet HTML 5Page - Supertex, Inc HV2116X Datasheet HTML 6Page - Supertex, Inc HV2116X Datasheet HTML 7Page - Supertex, Inc HV2116X Datasheet HTML 8Page - Supertex, Inc HV2116X Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
13-60
HV2116
Symbol
Parameter
Value
V
DD
Logic power supply voltage1, 3
10.0 V to 15.5 V
V
PP
Positive high voltage supply1, 3
40V to V
NN+ 160V
V
NN
Negative high voltage supply1, 3
-10.0V to -120V
V
IH
High-level input voltage
V
DD -2V to VDD
V
IL
Low-level input voltage
0V to 2.0V
V
SIG
Analog signal voltage peak to peak2
V
NN +10V to VPP -10
T
A
Operating free air-temperature
0°C to 70°C
Notes:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2VSIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transistion.
3 Rise and fall times of power supplies VDD, VPP, and VNN should not be less than 1.0msec.
+25
°C
Characteristics
Sym
min
typ
max
Units
Test Conditions
+VSPK
1.0
VPP = 40V, VNN = -120V
-VSPK
3.5
RL = 50Ω
Output Voltage Spike
+V
SPK
12
V
V
PP = 80V, VNN = -80V
-VSPK
18
RL = 50Ω
+VSPK
6.0
VPP = 150V, VNN = -10V
-V
SPK
9.0
R
L = 50Ω
1700
VPP = 80V, VNN = -80V, VSIG = 0V
Charge Injection
Q
850
pC
VPP = 80V, VNN = -80V, VSIG = 70V
600
V
PP = 80V, VNN = -80V, VSIG = -70V
AC Characteristics (over operating conditions V
DD = 15V, unless otherwise noted)
Electrical Characteristics
Operating Conditions
– OBSOLETE
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com