Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1480AITSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1480AITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 9Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 10Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 11Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 12Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Applications Information (Cont.)
allows switching to occur, if enabled (see below). When
RE.IN rises above the RE.IN threshold, RE.OUT will start
to rise. The switching controller is enabled by two things:
RE.IN being greater than the RE.IN threshold and VDDP
being greater than the VDDP UVLO of 3.3V, above which
switching will commence (assuming VCCA is present).
Switching always starts with DL to charge up the BST
capacitor. With the softstart circuit (automatically)
enabled, the SC1480A will progressively limit the VTT
output current (by limiting the current out of the ILIM pin)
over a predetermined time period of 440 switching cycles.
The ramp occurs in four steps:
1) 110 cycles at 25% ILIM with double minimum off-time
2) 110 cycles at 50% ILIM with normal minimum off-time
3) 110 cycles at 75% ILIM with normal minimum off-time
4) 110 cycles at 100% ILIM with normal minimum
off-time. At this point the output undervoltage and power
good circuitry is enabled.
If VDDP falls below 3.5V (nom.) the VTT regulator will
shut down. If RE.IN falls below the RE.IN threshold,
RE.OUT and VTT will shut down. There is 100mV of
hysteresis built into the VCCA UVLO circuit and when VCCA
falls to 4.1V (nom.) the output drivers are shut down and
tristated and the RE.OUT buffer shut down and disabled.
MOS.ET Gate Drivers
The DH and DL drivers are optimized for driving
moderate-sized high-side, and larger low-side power
MOS.ETs. An adaptive dead-time circuit monitors the DL
output and prevents the high-side MOS.ET from turning
on until DL is fully off (below ~1V). Conversely, it
monitors the phase node, LX, to determine the state of
the high side MOS.ET, and prevents the low-side MOS.ET
from turning on until DH is fully off (LX below ~1V). Be
sure there is low resistance and low inductance between
the DH and DL outputs to the gate of each MOS.ET.
DDR Reference Buffer
The reference buffer is capable of driving 3mA and sinking
25µA. Since the output is class A, if additional sinking is
required an external pulldown resistor can be added.
Make sure that the ground side of this pulldown is tied
to VSSA. As with most opamps, a small resistor is required
when driving a capacitive load. To ensure stability use
either a 10Ω resistor in series with a 1µ. capacitor or a
100Ω resistor in series with a 0.1µ. capacitor from
RE.OUT to VSSA.
Since it is possible to have as much as 10µ. to 20µ. of
capacitance at the memory socket or on-board the
DIMMs, it is recommended that a 0Ω resistor is placed
between RE.OUT and the DIMM sockets. This allows the
addition of extra resistance between RE.OUT and the
DIMMs to avoid spurious OVP at startup, which can occur
if RE.OUT rises really slowly and VTT overshoots it. The
extra resistance allows RE.OUT to rise faster, avoiding
this issue.
RE.IN should also be filtered so that VDDQ ripple does
not appear at the RE.IN pin. If a resistor divider is used
to create RE.IN from VDDQ, then a 0.1µ. capacitor from
RE.IN to VSSA will provide adequate filtering.
VTT Dropout Performance
The output voltage adjust range for continuous-
conduction operation is limited by the fixed 550ns
(maximum) minimum off-time one-shot. .or best dropout
performance, use the slowest on-time setting of 200kHz.
When working with low input voltages, the duty-factor
limit must be calculated using worst-case values for on
and off times. The IC duty-factor limitation is given by:
)
MAX
(
OFF
t
)
MIN
(
ON
t
)
MIN
(
ON
t
DUTY
+
=
Be sure to include inductor resistance and MOS.ET on-
state voltage drops when performing worst-case dropout
duty-factor calculations.
SC1480A System DC Accuracy (VTT)
Two IC parameters effect system DC accuracy, the error
comparator offset voltage, and the switching frequency
variation with line and load. The SC1480A regulates to
the RE.OUT voltage not the RE.IN voltage. Since DDR
specifications are written with respect to RE.OUT, the
offset of the reference buffer does not create a regulation
error.
The error comparator offset does not drift significantly
with supply and temperature. Thus, the error comparator
contributes 1% or less to DC system inaccuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com