Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1480AITSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC1480AITSTRT Datasheet HTML 1Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 2Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 3Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 4Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Electrical Characteristics Cont.
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
r
e
l
l
o
r
t
n
o
C
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
n
o
-
n
r
u
T
B
F
(
)
1
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
VT
U
O
F
E
RT
U
O
F
E
R
0
1
-
T
U
O
F
E
R
0
1
+
V
m
e
m
i
T
-
n
OR
N
O
T
M
1
=
Ω
0
6
6
11
1
4
19
0
9
1s
n
R
N
O
T
k
0
0
5
=
Ω
3
1
96
7
70
5
0
1s
n
e
m
i
T
f
f
O
m
u
m
i
n
i
M
0
0
40
5
5s
n
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
B
F
0
0
5k
Ω
g
n
i
s
n
e
S
t
n
e
r
r
u
C
-
r
e
v
O
t
n
e
r
r
u
C
k
n
i
S
M
I
L
Ih
g
i
h
L
D0
19
1
1A
µ
t
e
s
f
f
O
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
CM
I
L
I
-
D
N
G
P0
1
-0
1
+V
m
r
e
f
f
u
B
e
c
n
e
r
e
f
e
R
t
n
e
r
r
u
C
e
c
r
u
o
S
T
U
O
F
E
R
3A
m
d
l
o
h
s
e
r
h
T
e
l
b
a
n
E
N
I
F
E
Rg
n
i
s
i
r
N
I
F
E
R0
5
.
00
6
.
0V
s
i
s
e
r
e
t
s
y
H
e
l
b
a
n
E
N
I
F
E
R
0
3V
m
y
c
a
r
u
c
c
A
C
D
T
U
O
F
E
RV
5
2
.
1
=
N
I
F
E
R
,
d
a
o
l
o
N0
4
2
.
10
6
2
.
18
3
2
.
12
6
2
.
1V
m
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
)
e
v
i
t
i
s
o
P
(
t
i
m
i
L
t
n
e
r
r
u
C
)
2
(
R
,
X
L
-
D
N
G
P
M
I
L
I
k
5
=
Ω
0
55
35
6V
m
R
,
X
L
-
D
N
G
P
M
I
L
I
k
0
1
=
Ω
0
0
10
80
2
1V
m
R
,
X
L
-
D
N
G
P
M
I
L
I
k
0
2
=
Ω
0
0
20
7
10
3
2V
m
)
e
v
i
t
a
g
e
N
(
t
i
m
i
L
t
n
e
r
r
u
CX
L
-
D
N
G
P5
2
1
-0
6
1
-0
9
-V
m
t
l
u
a
F
e
g
a
t
l
o
V
-
r
e
d
n
U
t
u
p
t
u
OT
U
O
F
E
R
o
t
t
c
e
p
s
e
r
h
t
i
W0
2
-8
2
-5
1
-%
t
l
u
a
F
e
g
a
t
l
o
V
-
r
e
v
O
t
u
p
t
u
OT
U
O
F
E
R
o
t
t
c
e
p
s
e
r
h
t
i
W0
1
+8
+2
1
+%
y
a
l
e
D
t
l
u
a
F
e
g
a
t
l
o
V
-
r
e
v
OV
O
e
v
o
b
a
d
e
c
r
o
f
B
F
d
l
o
h
s
e
r
h
t
5s
µ
e
g
a
t
l
o
V
t
u
p
t
u
O
w
o
L
D
G
PA
m
1
k
n
i
S
4
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
D
G
PV
5
=
D
G
P
,
n
o
i
t
a
l
u
g
e
r
n
i
B
F
1A
µ
d
l
o
h
s
e
r
h
T
V
U
D
G
PT
U
O
F
E
R
o
t
t
c
e
p
s
e
r
h
t
i
W0
1
-5
1
-8
-%
Test Conditions: V
BAT = 2.5V, REFIN = 1.25, VCCA = VDDP = 5.0V, VOUT = 1.25V, RTON = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com