Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1480AITSTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1480AITSTRT Datasheet HTML 13Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 14Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 15Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 16Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 17Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 18Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 19Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 20Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Application Information (Cont.)
.igure 8: Power Section Component Placement and Copper Pours
Key points for the power section:
1) there should be a very small input loop, well decoupled.
2) the phase node should be a large copper pour, but compact since this is the noisiest node.
3) input power ground and output power ground should not connect directly, but through the ground planes instead.
4) Notice in .igure 8 above placement of 0Ω resistor at the bottom of the output capacitor to connect to VSSA.
5) The current limit resistor should be placed as close as possible to the ILIM and LX pins.
Connecting the control and power sections should be accomplished as follows (see .igure 9 on Page 18):
1) Route VSSA and .B feedback traces as a differential pair routed in a “quiet” layer away from noise sources.
2) Route DL, DH and LX (low side .ET gate drive, high side .ET gate drive and phase node) to chip using wide traces
with multiple vias if using more than one layer. These connections to be as short as possible for loop minimization,
with a length to width ratio less than 20:1 to minimize impedance. DL is the most critical gate drive, with power
ground as its return path. LX is the noisiest node in the circuit, switching between PWR_SRC and ground at high
frequencies, thus should be kept as short as practical. DH has LX as its return path.
3) BST is also a noisy node and should be kept as short as possible.
4) Connect PGND pins on the chip directly to the VDDP decoupling capacitor and then drop vias directly to the
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com