Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1480AITSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC1480AITSTRT Datasheet HTML 1Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 2Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 3Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 4Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 5Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 6Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 7Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 8Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
www.semtech.com
SC1480A
DDR and DDR2 Memory VTT
Power Supply Controller
POWER MANAGEMENT
Revision: December 8, 2004
Description
.eatures
Applications
Typical Application Circuit
K Notebook computers
K CPU I/O supplies
K Handheld terminals and PDAs
K LCD monitors
K Network power supplies
K Compatible with DDR & DDR2 memory power
requirements
K Constant on-time for fast dynamic response
K Programmable VOUT based on external reference
K VBAT range = 1.8V – 25V
K DC current sense using low-side RDS(ON) sensing
or sense resistor
K 3mA reference output buffer
K Low power S3 state
K Resistor programmable frequency
K Cycle-by-cycle current limit
K Digital soft start
K Output current source-sink capability
K Overvoltage/under-voltage fault protection and
PGOOD output
K Under 10uA typical shutdown current
K Low quiescent power dissipation
K 14 Lead TSSOP
K Industrial temperature range
K Integrated gate drivers with soft switching
K Efficiency >80%
The SC1480A is a single output, constant on-time
synchronous-buck, pseudo fixed frequency, PWM
controller intended for use in notebook computers and
other battery operated portable devices. .eatures
include high efficiency and fast dynamic response with
no minimum on time, a reference input and a buffered
RE.OUT pin capable of sourcing 3mA. The excellent
transient response means that SC1480A based solutions
will require less output capacitance than competing fixed
frequency converters.
The frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
will increase or decrease to counter the change in output
or input voltage. After the transient event, the controller
frequency will return to steady state operation.
The SC1480A incorporates two power-reducing states,
standby and shutdown. In standby mode, the switcher
output is shutdown but the buffered reference output
stays up, reducing quiescent current to a low 125µA. This
is particularly useful for reducing battery draw in systems
which implement a suspend-to-RAM (S3) state. The
SC1480A can be completely shut down, drawing less than
10µA.
The integrated gate drivers feature adaptive shoot-
through protection and soft switching. Additional features
include cycle-by-cycle current limit, digital soft-start,
overvoltage and under-voltage protection, and a PGOOD
output.
REFIN
1
TON
2
REFOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1480A
Q1
Q2
C7
1u
C6
1n
R7
10R
R4
10R
R3
R2
RTON
R1
10k0
R6
10k0
VTT
VDDQ
VBAT
5VSUS
PGOOD
C3
1u
REFOUT
C5
1u
R5
RLIM
D1
C1
0u1
5VRUN
C2
10u
VBAT
L1
+
C4
VTT
C8
0u1


Similar Part No. - SC1480AITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
DDR Memory Power Supply Controller
SC1480EVB SEMTECH-SC1480EVB Datasheet
533Kb / 22P
DDR Memory Power Supply Controller
SC1480ITSTR SEMTECH-SC1480ITSTR Datasheet
533Kb / 22P
DDR Memory Power Supply Controller
SC1480ITSTRT SEMTECH-SC1480ITSTRT Datasheet
533Kb / 22P
DDR Memory Power Supply Controller
More results

Similar Description - SC1480AITSTRT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
logo
Semtech Corporation
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
DDR Memory Power Supply Controller
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
International Rectifier
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
XPHASE3TM DDR & VTT CONTROL IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
XPHASE3TM DDR & VTT PHASE IC
logo
Monolithic Power System...
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
EV20073DH-00A MPS-EV20073DH-00A Datasheet
150Kb / 4P
2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com