Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1404ITSTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 2Page - Semtech Corporation SC1404ITSTR Datasheet HTML 3Page - Semtech Corporation SC1404ITSTR Datasheet HTML 4Page - Semtech Corporation SC1404ITSTR Datasheet HTML 5Page - Semtech Corporation SC1404ITSTR Datasheet HTML 6Page - Semtech Corporation SC1404ITSTR Datasheet HTML 7Page - Semtech Corporation SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation SC1404ITSTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
 2004 Semtech Corp.
www.semtech.com
SC1404
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Note: All logic level inputs and outputs are open collector TTL compatible.
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
13
H
S
C.
S
P
M
S
V
3
r
o
f
t
u
p
n
i
e
s
n
e
s
t
i
m
il
t
n
e
r
r
u
C
.r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
a
f
o
e
d
i
s
r
o
t
c
u
d
n
i
e
h
t
o
t
t
c
e
n
n
o
C
23
L
S
C.
S
P
M
S
V
3
r
o
f
t
u
p
n
i
e
s
n
e
s
e
g
a
t
l
o
v
t
u
p
t
u
O
.r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
a
f
o
e
d
i
s
t
u
p
t
u
o
e
h
t
o
t
t
c
e
n
n
o
C
33
P
M
O
C.r
e
i
f
il
p
m
a
r
o
r
r
e
S
P
M
S
V
3
.
3
e
h
t
f
o
t
u
p
t
u
o
d
n
a
n
i
p
n
o
i
t
a
s
n
e
p
m
o
C
4T
U
O
2
1.
t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
r
a
e
n
il
l
a
n
r
e
t
n
i
V
2
1
5D
D
V
e
g
a
t
l
o
v
r
e
v
o
V
9
1
a
o
t
y
ll
a
n
r
e
t
n
i
s
t
c
e
n
n
o
c
o
s
l
A
.r
o
t
a
l
u
g
e
r
r
a
e
n
il
T
U
O
2
1
e
h
t
r
o
f
t
u
p
n
i
e
g
a
t
l
o
v
y
l
p
p
u
S
.
p
m
a
l
c
r
o
t
a
l
u
g
e
r
t
n
u
h
s
6C
N
Y
S
0
0
2
r
o
f
D
N
G
o
t
e
i
t
;
n
o
i
t
a
r
e
p
o
z
H
k
0
0
3
r
o
f
L
V
o
t
e
i
T
.
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
d
n
a
n
o
i
t
a
z
i
n
o
r
h
c
n
y
S
r
o
t
a
ll
i
c
s
O
.
z
H
k
0
5
3
d
n
a
z
H
k
0
4
2
n
e
e
w
t
e
b
r
o
t
a
ll
i
c
s
o
l
a
n
r
e
t
x
e
n
a
o
t
e
z
i
n
o
r
h
c
n
y
s
o
t
y
ll
a
n
r
e
t
x
e
e
v
i
r
D
.
z
H
k
75
N
O
n
w
o
d
t
u
h
s
V
5
w
o
ll
a
o
t
5
N
O
h
t
i
w
s
e
i
r
e
s
n
i
r
o
t
s
i
s
e
r
m
h
o
K
0
1
-
K
1
a
t
c
e
n
n
o
C
.
t
u
p
n
I
l
o
r
t
n
o
C
F
F
O
/
N
O
V
5
.
V
U
/
P
V
O
n
o
8D
N
G.
t
n
i
o
p
e
c
n
e
r
e
f
e
r
k
c
a
b
d
e
e
F
d
n
a
d
n
u
o
r
G
g
o
l
a
n
A
e
s
i
o
n
w
o
L
9F
E
R
.
m
u
m
i
n
i
m
F
µ
1
h
t
i
w
D
N
G
o
t
s
s
a
p
y
B
.
t
u
p
t
u
o
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
V
5
.
2
0
1#
E
V
A
S
P
.
e
s
u
l
a
m
r
o
n
r
o
f
D
N
G
o
t
t
c
e
n
n
o
C
.
h
g
i
h
n
e
h
w
e
d
o
M
E
V
A
S
P
s
e
l
b
a
s
i
d
t
a
h
t
t
u
p
n
i
c
i
g
o
L
1
1#
T
E
S
E
R
d
e
x
i
f
a
r
e
t
f
a
h
g
i
h
s
e
o
g
#
T
E
S
E
R
.
L
V
o
t
D
N
G
m
o
r
f
s
g
n
i
w
s
#
T
E
S
E
R
.
t
u
p
t
u
o
t
e
s
e
R
d
e
m
i
t
w
o
l-
e
v
i
t
c
A
.
p
u
r
e
w
o
p
l
u
f
s
s
e
c
c
u
s
a
g
n
i
w
o
ll
o
f
y
a
l
e
d
e
l
c
y
c
k
c
o
l
c
0
0
0
,
2
3
2
15
P
M
O
Co
t
u
p
t
u
o
d
n
a
n
i
p
n
o
i
t
a
s
n
e
p
m
o
C.r
e
i
f
il
p
m
a
r
o
r
r
e
S
P
M
S
V
5
e
h
t
f
3
15
L
S
C.
S
P
M
S
V
5
r
o
f
t
u
p
n
i
e
s
n
e
s
e
g
a
t
l
o
v
t
u
p
t
u
O
.r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
a
f
o
e
d
i
s
t
u
p
t
u
o
e
h
t
o
t
t
c
e
n
n
o
C
4
15
H
S
C.
S
P
M
S
V
5
r
o
f
t
u
p
n
i
e
s
n
e
s
t
i
m
il
t
n
e
r
r
u
C
.r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
a
f
o
e
d
i
s
r
o
t
c
u
d
n
i
e
h
t
o
t
t
c
e
n
n
o
C
5
1Q
E
S
.
#
T
E
S
E
R
y
b
d
e
s
u
)
s
(
e
g
a
t
l
o
v
r
o
t
i
n
o
m
s
t
c
e
l
e
s
d
n
a
e
c
n
e
u
q
e
s
p
u
-
r
e
w
o
p
S
P
M
S
s
t
c
e
l
e
s
t
a
h
t
t
u
p
n
I
6
15
H
D.
h
c
t
i
w
s
l
e
n
n
a
h
C
-
N
e
d
i
s
-
h
g
i
h
,
V
5
e
h
t
r
o
f
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
7
15
E
S
A
H
P.
n
o
i
t
c
e
n
n
o
c
)
r
o
t
c
u
d
n
i
(
e
d
o
n
g
n
i
h
c
t
i
w
s
V
5
8
15
T
S
B.
e
v
i
r
d
e
t
a
g
e
d
i
s
-
h
g
i
h
V
5
r
o
f
n
o
i
t
c
e
n
n
o
c
r
o
t
i
c
a
p
a
c
t
s
o
o
B
9
15
L
DT
E
F
S
O
M
r
e
i
f
i
t
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
d
i
s
-
w
o
l
V
5
e
h
t
r
o
f
t
u
p
t
u
o
e
v
i
r
d
e
t
a
G
0
2D
N
G
P.
d
n
u
o
r
G
r
e
w
o
P
1
2L
V
t
u
p
t
u
o
S
P
M
S
V
5
e
h
t
o
t
d
e
h
c
t
i
w
s
s
i
L
V
,
y
c
n
e
i
c
i
f
f
e
d
e
v
o
r
p
m
i
r
o
F
.
t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
r
a
e
n
il
l
a
n
r
e
t
n
i
V
5
.
d
e
l
b
a
n
e
s
i
S
P
M
S
V
5
n
e
h
w
2
2+
V.
t
u
p
n
i
e
g
a
t
l
o
V
y
r
e
t
t
a
B
3
2#
N
D
H
S.
w
o
l
e
v
i
t
c
a
,
t
u
p
n
i
l
o
r
t
n
o
c
n
w
o
d
t
u
h
S
4
23
L
D
.
T
E
F
S
O
M
r
e
i
f
i
t
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
d
i
s
-
w
o
l
V
3
e
h
t
r
o
f
t
u
p
t
u
o
e
v
i
r
d
e
t
a
G
5
23
T
S
B.
e
v
i
r
d
e
t
a
g
e
d
i
s
-
h
g
i
h
V
3
r
o
f
n
o
i
t
c
e
n
n
o
c
r
o
t
i
c
a
p
a
c
t
s
o
o
B
6
23
E
S
A
H
P.
n
o
i
t
c
e
n
n
o
c
)
r
o
t
c
u
d
n
i
(
e
d
o
n
g
n
i
h
c
t
i
w
s
V
3
7
23
H
D.
h
c
t
i
w
s
l
e
n
n
a
h
C
-
N
e
d
i
s
-
h
g
i
h
V
3
e
h
t
r
o
f
t
u
p
t
u
o
e
v
i
r
d
e
t
a
G
8
23
N
O.
t
u
p
n
I
l
o
r
t
n
o
C
F
F
O
/
N
O
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com